Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFD50EXP Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # WFD50EXP
Description  Explosion Proof Waterflow Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

WFD50EXP Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  WFD50EXP Datasheet HTML 1Page - Systemsensor advanced ideas. WFD50EXP Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Agency Listings
WFDEXP
Explosion Proof
Waterflow Detector
The System Sensor WFDEXP series is designed to
handle extreme conditions.
Features
New WFD30-2EXP models install in 2˝ hole sizes
•
Designed and approved to operate in hazardous locations
•
NEMA 4 enclosure rating
•
Sensitivity-setting spring mechanism located outside of explosion
•
environment
Sealed retard mechanism
•
Visual switch activation
•
Synchronized activation circuit
•
Field-replaceable terminal block and retard mechanism
•
Only one conduit entrance required for hook-up
•
These units are ideal for installation in hazardous locations classified
as follows:
Class I, Groups B, C, D, Division 1 & 2
Class II, Groups E, F, G, Division 1 & 2
Class III, Division 1 & 2
Robust Construction. The WFDEXP series consists of a rugged,
NEMA 4-rated cast aluminum housing. Designed for both indoor
and outdoor use, the WFDEXP series operates across a wide
temperature range, from 32°F to 160°F. Inside, two sets of SPDT (Form
C) synchronized switches are enclosed in a rugged terminal block to
assure reliable performance.
Reliable Performance. The WFDEXP series offers unique features
that assure greater operational reliability. By housing the spring
mechanism separately from the explosion environment, the
sensitivity of the adjustment spring and the detector is protected
at all times. Adding to WFDEXP’s reliability is its sealed retard
mechanism, which prevents contamination by dust and dirt when
the cover is removed.
Simplified Operation. Like all System Sensor waterflow detectors,
the WFDEXP series is designed for easy installation. With its visible
switch activation, the WFDEXP’s retard timing can be verified, even
during noisy conditions.
E200116
C169
3006195
44-00-E
7770-1653:145


Similar Part No. - WFD50EXP

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
WFD50EXP SYSTEMSENSOR-WFD50EXP Datasheet
108Kb / 2P
Explosion Proof Waterflow Detector
More results

Similar Description - WFD50EXP

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MERSE10 ALLEN-BRADLEY-440T-MERSE10 Datasheet
53Kb / 2P
Explosion-Proof
440K-H11145 ALLEN-BRADLEY-440K-H11145 Datasheet
59Kb / 2P
Explosion Proof
logo
Systemsensor advanced i...
WFD20EXP SYSTEMSENSOR-WFD20EXP Datasheet
108Kb / 2P
Explosion Proof Waterflow Detector
OSYEXP SYSTEMSENSOR-OSYEXP Datasheet
118Kb / 2P
Explosion Proof Supervisory Switch
logo
Gamewell-FCI by Honeywe...
XAL-53 GAMEWELL-FCI-XAL-53 Datasheet
202Kb / 2P
Explosion-Proof Pull Station
logo
Systemsensor advanced i...
WFD SYSTEMSENSOR-WFD Datasheet
480Kb / 2P
Waterflow Detector
WFDN SYSTEMSENSOR-WFDN Datasheet
663Kb / 2P
Waterflow Detector
WFDTN SYSTEMSENSOR-WFDTN Datasheet
494Kb / 2P
Waterflow Detector
logo
TT Electronics.
DS1432 TTELEC-DS1432 Datasheet
329Kb / 2P
Explosion Proof Flow Switch
logo
STEGO Elektrotechnik Gm...
CREX020-T3 STEGO-CREX020-T3 Datasheet
280Kb / 1P
EXPLOSION-PROOF ENCLOSURE HEATER
18.10.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com