Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS-RT Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # FS-RT
Description  Waterflow Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

FS-RT Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  FS-RT Datasheet HTML 1Page - Systemsensor advanced ideas. FS-RT Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Engineering Specifications
Model shall be WFDTN or WFDTNRN as manufactured by System Sensor. T-Tap waterflow detectors shall be installed on a tee that has a 1in.
NPT branch including: 1in., 1¼in., 1½in. and 2in. NPT threaded ferrous and brass tee; 1in., 1¼in., 1½in. and 2in. copper sweat tees; Tyco,
Spears, NIBBCO brand 1in. CPVC tees as designed on the drawing and /or as specified herein. Detectors shall mount on any clear pipe span
of the appropriate nominal size, either a vertical upflow or horizontal run at least 6˝ from any fittings or valves that may change water direction,
flow rate, or pipe diameter or no closer than 24in. from a valve or drain. Detectors shall have a sensitivity in the range of 4 to 10 gallons per
minute and a static pressure rating of 375 psi. The WFDTN detector with incorporated time delay mechanism shall respond to waterflow in the
specified direction after a preset time delay that is field adjustable. The delay mechanism shall be a sealed mechanical pneumatic unit with visual
and audible indication of actuation. The actuation mechanism shall include a ethylene vinyl acetate vane inserted through a hole in the pipe
and connected by a mechanical linkage to the delay mechanism. Outputs shall consist of dual SPDT switches (Form C contacts). Two conduit
entrances for standard fittings of commonly used electrical conduit shall be provided on the detectors. A grounding provision is provided. Unless
noted, enclosures shall be NEMA 4 listed by Underwriters Laboratories Inc. All detectors shall be listed by Underwriters Laboratories Inc. for
indoor or outdoor use.
Waterflow Detector Specifications
Standard Specifications
Static Pressure Rating
375 PSI
Operating Temperature Range
32°F to 150°F (0°C to 60°C)
Maximum Surge
18 Feet Per Second (FPS)
Enclosure Rating*
NEMA 4 – suitable for indoor/outdoor use
Triggering Threshold
Bandwidth (Flow Rate)
4–10 GPM
Cover Tamper Switch
Standard with ULC models, optional for
UL models, part no. CTS
Conduit Entrances
Two openings for ½in. conduit.
NEMA 4 rated plugs
Service Use
Automatic Sprinkler: NFPA-13
One or Two Family Dwelling: NFPA 13D
Residential Occupancies up to 4 Stories:
NFPA 13R National Fire Alarm Code: NFPA-72
Contact Ratings
Two sets of SPDT (Form C)
10.0 A, ½ HP @ 125/250 VAC
2.5 A @ 6/12/24 VDC
U.S. Patent Numbers
5,213,205
Compatible Tee Fittings
Threaded ferrous and brass tees,
copper sweat tees, CPVC tees.
Warranty
3 Years
WFDTN Field Wiring Diagram
Overall Dimensions, Installed
3-1/2"
2-5/8"
4"
TEE DEPTH
DESIGNED TO FIT WITHIN 2 X 4 STUD WALL CONSTRUCTION
PLASTIC VANE
TEE FITTING
INSTALLATION GAUGE
END OF PADDLE TREE MUST
FIT BETWEEN TOP OF TEE
AND BOTTOM OF FLANGE
TEE
ADAPTER
3825 Ohio Avenue • St. Charles, IL 60174
Phone: 800-SENSOR2 • Fax: 630-377-6495
www.systemsensor.com
©2016 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com
for current product information, including the latest version of this data sheet.
WFDS88003 • 11/16
Ordering Information
UL Model
ULC Model
Description
WFDTN
WFDTNA
Waterflow Detector, Fits 1in., 1¼in., 1½in., 2in. ferrous and brass threaded tees;
1in., 1¼in., 1½in., 2in. copper sweat tees; 1in. CPVC tees.
WFDTNRN
—
Waterflow Detector without incorporated time delay mechanism,
fits same tees as WFDTN
Accessories
FS-RT
Delay mechanism and switch assembly
CTS
Tamper-proof switch kit
WFDW
Tamper-proof wrench for cover



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com