Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS-RT Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # FS-RT
Description  Waterflow Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

FS-RT Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  FS-RT Datasheet HTML 1Page - Systemsensor advanced ideas. FS-RT Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WFDTN Series
Waterflow Detector
The new WFDTN Series waterflow detectors from System
Sensor consists of a rugged, NEMA 4-rated enclosure that is
more damage resistant than previous metal designs. The waterflow
detector is designed for both indoor and outdoor use, with the widest
available temperature range, from 32°F to 150°F.
Both the WFDTN with incorporated timer and WFDTNRN with
immediate activation fit any tee that has a 1 in. NPT branch,
including: 1in., 1¼in., 1½ in. and 2in. NPT threaded ferrous and
brass tees; 1in., 1¼in., 1½in. and 2in. copper sweat tees; Tyco,
Spears, NIBBCO brand 1 in. CPVC tees. Twelve different clearly
marked plastic paddles are available to fit different installation
configurations.
UL-listed models are equipped with tamper-resistant cover screws
to prevent unauthorized entry. Inside, two sets of SPDT (Form C)
synchronized switches are enclosed in a durable terminal block with
new layout designed to make wiring easy with wire ready terminals,
COM terminals are on a different elevation, large barrier between
switches and easy to read raised textured lettering all make wiring
easy. An optional cover tamper switch is available, securely snaps
into place, no tools required.
The WFDTN incorporates a mechanical time delay feature, which
minimizes the risk of false alarm due to pressure surges or air
trapped in the fire sprinkler system. The larger and easy to turn timer
dial makes setting the waterflow detector easy with high contrast
pad printed markings. The dial offers three tabs to help with turning,
with one larger tab located on the dial position for approximately 60
seconds, a notch is also indicated on the dial to locate approximately
30 seconds making setting the detector in dimmly lit locations easy.
The WFDTN series is designed for accuracy and repeatability. The
detector also offers improved performance during vibration in riser
applications where detectors are exposed to a large in rush of water.
Agency Listings
System Sensor WFDTN T-Tap Waterflow detectors are
designed for primary signaling in residential systems and
branch line signaling.
Features
• New directional cover allows installers and inspectors to
easily see the direction of flow
• UL-listed models are NEMA 4 rated
• New cover provides a better seal, is lighter weight, not painted
and corrosion resistant
• Sealed retard mechanism immune to dust and other contaminants
• Less exposed metal reduces shock hazard, plastic cover acts
as insulator and is resistant to arcing
• Visual switch activation
• Audible switch activation (73 dBA)
• Field-replaceable timer/switch assembly
• Accommodates up to 12 AWG wire
• Switch Synchronization activates both alarm panel
and local bell or horn strobe
• Tamper-resistant cover screws
• Improved water sealing
• Reduced product weight
• Wire-ready terminals
• Improved wiring with new terminal block layout
• Snap-in optional cover tamper switch
30512266
7770-1653:0231
S739


Similar Part No. - FS-RT

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
FS-RT SYSTEMSENSOR-FS-RT Datasheet
663Kb / 2P
Waterflow Detector
FS-RT SYSTEMSENSOR-FS-RT Datasheet
411Kb / 2P
Waterfl ow Detector
More results

Similar Description - FS-RT

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
AFDT SYSTEMSENSOR-AFDT Datasheet
88Kb / 2P
Solid State Waterflow Detectors
LFD30-2 SYSTEMSENSOR-LFD30-2 Datasheet
130Kb / 2P
Low Flow Rate Waterflow Detectors
WFD20EXP SYSTEMSENSOR-WFD20EXP Datasheet
108Kb / 2P
Explosion Proof Waterflow Detector
logo
Gamewell-FCI by Honeywe...
117-2110A GAMEWELL-FCI-117-2110A Datasheet
50Kb / 1P
WATERFLOW AND SUPERVISORY SWITCHES
logo
Systemsensor advanced i...
WFD SYSTEMSENSOR-WFD Datasheet
480Kb / 2P
Waterflow Detector
WFDEXP SYSTEMSENSOR-WFDEXP Datasheet
431Kb / 2P
Explosion Proof Waterflow Detector
WFDN SYSTEMSENSOR-WFDN Datasheet
663Kb / 2P
Waterflow Detector
logo
JFW Industries, Inc.
50D-050 JFW-50D-050_17 Datasheet
26Kb / 1P
DETECTOR
50D-052 JFW-50D-052_17 Datasheet
27Kb / 1P
DETECTOR
75D-010 JFW-75D-010_17 Datasheet
26Kb / 1P
DETECTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com