Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8067ART Datasheet(PDF) 9 Page - Analog Devices

Part # AD8067ART
Description  High Gain Bandwidth Product Precision Fast FET??Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067ART Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8067ART Datasheet HTML 5Page - Analog Devices AD8067ART Datasheet HTML 6Page - Analog Devices AD8067ART Datasheet HTML 7Page - Analog Devices AD8067ART Datasheet HTML 8Page - Analog Devices AD8067ART Datasheet HTML 9Page - Analog Devices AD8067ART Datasheet HTML 10Page - Analog Devices AD8067ART Datasheet HTML 11Page - Analog Devices AD8067ART Datasheet HTML 12Page - Analog Devices AD8067ART Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8067
Rev. 0 | Page 9 of 24
FREQUENCY – MHz
22
14
15
16
17
18
19
20
21
1
10
100
RF = 1kΩ
RF = 499Ω
RF = 2kΩ
VOUT = 200mV p-p
Figure 10. Small Signal Frequency Response for Various RF
FREQUENCY – MHz
–40
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
0.1
1
10
100
HD2 RLOAD = 150Ω
VOUT = 2V p-p
G = +10
VS = ±5V
HD3 RLOAD = 1kΩ
HD3 RLOAD = 150Ω
HD2
RLOAD = 1kΩ
Figure 11. Distortion vs. Frequency for Various Loads
FREQUENCY – MHz
–20
–140
–120
–100
–80
–60
–40
0.1
1
10
100
VS = ±12V
G = +10
HD3 VOUT = 20V p-p
HD3 VOUT = 2V p-p
HD2 VOUT = 2V p-p
HD2 VOUT = 20V p-p
Figure 12. Distortion vs. Frequency for Various Amplitudes
FREQUENCY – MHz
90
0
10
20
30
40
50
60
70
80
–10
120
–150
–120
–90
–60
–30
0
30
60
90
–180
0.01
0.1
1
10
100
1k
PHASE
GAIN
Figure 13. Open-Loop Gain and Phase
FREQUENCY – MHz
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
0.1
1
10
100
HD3 VS = ±12V
HD3 VS = ±5V
HD2 VS = ±5V
HD2 VS = ±12V
G = +10
VOUT = 2V p-p
Figure 14. Distortion vs. Frequency for Various Supplies
OUTPUT AMPLITUDE – V p-p
–30
–120
–110
–100
–90
–80
–70
–60
–50
–40
–130
0
2
4
6
8
10
12
14
16
18
20
22
24
VS = ±12V
f = 1MHz
G = +10
HD2 RLOAD = 150Ω
HD3 RLOAD = 150Ω
HD2 RLOAD = 1kΩ
HD3 RLOAD = 1kΩ
Figure 15. Distortion vs. Output Amplitude for Various Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com