Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8067ART Datasheet(PDF) 17 Page - Analog Devices

Part # AD8067ART
Description  High Gain Bandwidth Product Precision Fast FET??Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067ART Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8067ART Datasheet HTML 13Page - Analog Devices AD8067ART Datasheet HTML 14Page - Analog Devices AD8067ART Datasheet HTML 15Page - Analog Devices AD8067ART Datasheet HTML 16Page - Analog Devices AD8067ART Datasheet HTML 17Page - Analog Devices AD8067ART Datasheet HTML 18Page - Analog Devices AD8067ART Datasheet HTML 19Page - Analog Devices AD8067ART Datasheet HTML 20Page - Analog Devices AD8067ART Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8067
Rev. 0 | Page 17 of 24
DC ERROR CALCULATIONS
Input and Output Overload Behavior
Figure 44 illustrates the primary dc errors associated with a voltage
feedback amplifier. For both inverting and noninverting
configurations:
A simplified schematic of the AD8067 input stage is shown in
Figure 45. This shows the cascoded N-channel JFET input pair,
the ESD and other protection diodes, and the auxiliary NPN
input stage that eliminates phase inversion behavior.


+
=
G
F
G
OS
OS
R
R
R
V
V
to
due
Error
Voltage
Output
When the common-mode input voltage to the amplifier is driven
to within approximately 3 V of the positive power supply, the input
JFET’s bias current will turn off, and the bias of the NPN pair will
turn on, taking over control of the amplifier. The NPN differential
pair now sets the amplifier’s offset, and the input bias current is
now in the range of several tens of microamps. This behavior is
illustrated in Figure 25 and Figure 26. Normal operation resumes
when the common-mode voltage goes below the 3 V from the
positive supply threshold.
F
–
B
G
G
F
S
B
B
R
I
–
R
R
R
R
I
I
to
due
Error
Voltage
Output
×


+
×
= +
Total error is the sum of the two.
DC common-mode and power supply effects can be added by
modeling the total VOS with the expression:
CMR
∆V
PSR
∆V
(nom)
V
(tot)
V
CM
S
OS
OS
+
+
=
The output transistors have circuitry included to limit the extent
of their saturation when the output is overdriven. This improves
output recovery time. A plot of the output recovery time for the
AD8067 used as a G = +10 buffer is shown in Figure 17.
VOS (nom)
is the offset voltage specified at nominal conditions
(1 mV max). ∆VS is the change in power supply voltage from
nominal conditions. PSR is power supply rejection (90 dB
minimum). ∆VCM is the change in common-mode voltage from
nominal test conditions. CMR is common-mode rejection (85 dB
minimum for the AD8067).
VBIAS
VCC
VEE
VEE
VCC
VP
VN
SWITCH
CONTROL
VEE
VCC
TO REST OF AMP
VTHRESHOLD
VI
RS
RG
IB+
IB–
–
+
VOUT –
+
–
+
+VOS–
RF
Figure 44. Op Amp DC Error Sources
Figure 45. Simplified Input Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com