Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP552 Datasheet(PDF) 12 Page - Analog Devices

Part # ADCMP552
Description  Single Supply High Speed PECL Comparators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP552 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADCMP552 Datasheet HTML 6Page - Analog Devices ADCMP552 Datasheet HTML 7Page - Analog Devices ADCMP552 Datasheet HTML 8Page - Analog Devices ADCMP552 Datasheet HTML 9Page - Analog Devices ADCMP552 Datasheet HTML 10Page - Analog Devices ADCMP552 Datasheet HTML 11Page - Analog Devices ADCMP552 Datasheet HTML 12Page - Analog Devices ADCMP552 Datasheet HTML 13Page - Analog Devices ADCMP552 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ADCMP551/ADCMP552/ADCMP553
Preliminary Technical Data
Rev. PrB | Page 12 of 14
Propagation delay dispersion is an important specification in
critical timing applications such as ATE, bench instruments,
and nuclear instrumentation. Overdrive dispersion is defined as
the variation in propagation delay as the input overdrive condi-
tions are changed (Figure 17). For the ADCMP55x, overdrive
dispersion is typically 100 ps as the overdrive is changed from
100 mV to 1 V. This specification applies for both positive and
negative overdrive since the ADCMP55x has equal delays for
positive- and negative-going inputs.
Q OUTPUT
INPUT VOLTAGE
1.5V OVERDRIVE
20mV OVERDRIVE
DISPERSION
VREF ± VOS
Figure 17. Propagation Delay Dispersion
COMPARATOR HYSTERESIS
The addition of hysteresis to a comparator is often useful in a
noisy environment, or where it is not desirable for the
comparator to toggle between states when the input signal is at
the switching threshold. The transfer function for a comparator
with hysteresis is shown in Figure 18. If the input voltage
approaches the threshold from the negative direction, the
comparator switches from a 0 to a 1 when the input crosses
+VH/2. The new switching threshold becomes −VH/2. The
comparator remains in a 1 state until the −VH/2 threshold is
crossed coming from the positive direction. In this manner,
noise centered on 0 V input does not cause the comparator to
switch states unless it exceeds the region bounded by ±VH/2.
Positive feedback from the output to the input is often used to
produce hysteresis in a comparator (Figure 22). The major
problem with this approach is that the amount of hysteresis
varies with the output logic levels, resulting in a hysteresis that
is not symmetrical around zero.
In the ADCMP552, hysteresis is generated through the
programmable hysteresis pin. A resistor from the HYS pin to
VCCI creates a current into the part that is used to generate
hysteresis. Hysteresis generated in this manner is independent
of output swing and is symmetrical around the trip point. The
hysteresis versus resistance curve is shown in Figure 19.
Another method to implement hysteresis is generated by
ABLE
introducing a differential voltage between the LATCH EN
and LATCH ENABLE. inputs (Figure 23).
OUTPUT
INPUT
0
1
0V
–VH
2
+VH
2
Figure 18. Comparator Hysteresis Transfer Function
TBD
–000
–000
–000
–000
–000
–000
–000
–000
–000
–000
ALL CAPS (Initial caps)
Figure 19. Comparator Hysteresis Transfer Function
MINIMUM INPUT SLEW RATE REQUIREMENT
ust
he
As for all high speed comparators, a minimum slew rate m
be met to ensure that the device does not oscillate when the
input crosses the threshold. This oscillation is due in part to t
high input bandwidth of the comparator and the parasitics of
the package. Analog Devices recommends a slew rate of 1 V/µs
or faster to ensure a clean output transition. If slew rates less
than 1 V/µs are used, hysteresis should be added to reduce the
oscillation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com