Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP552 Datasheet(PDF) 13 Page - Analog Devices

Part # ADCMP552
Description  Single Supply High Speed PECL Comparators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP552 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADCMP552 Datasheet HTML 6Page - Analog Devices ADCMP552 Datasheet HTML 7Page - Analog Devices ADCMP552 Datasheet HTML 8Page - Analog Devices ADCMP552 Datasheet HTML 9Page - Analog Devices ADCMP552 Datasheet HTML 10Page - Analog Devices ADCMP552 Datasheet HTML 11Page - Analog Devices ADCMP552 Datasheet HTML 12Page - Analog Devices ADCMP552 Datasheet HTML 13Page - Analog Devices ADCMP552 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Preliminary Technical Data
ADCMP551/ADCMP552/ADCMP553
Rev. PrB | Page 13 of 14
TYPICAL APPLICATION CIRCUITS
ADCMP551/
ADCMP552/
ADCMP553
+
–
ALL RESISTORS 50
Ω
OUTPUTS
VIN
VREF
LATCH
ENABLE
INPUTS
VCCO – 2V
Figure 20. High Speed Sampling Circuits
ALL RESISTORS 50
Ω
OUTPUTS
+VREF
–VREF
VIN
LATCH
ENABLE
INPUTS
VCCO – 2V
ADCMP551/
ADCMP552/
ADCMP553
+
–
ADCMP551/
ADCMP552/
ADCMP553
+
–
Figure 21. High Speed Window Comparator
OUTPUTS
VIN
VREF
R1
R2
ALL RESISTORS 50
Ω
VCCO – 2V
ADCMP551/
ADCMP552/
ADCMP553
+
–
Figure 22. Hysteresis Using Positive Feedback
OUTPUTS
VIN
450
Ω
ALL RESISTORS 50
Ω UNLESS OTHERWISE NOTED
HYSTERESIS
VOLTAGE
VCCO – 2V
ADCMP551/
ADCMP552/
ADCMP553
+
–
Figure 23. Hysteresis Using Latch Enable Input
VIN
50
Ω
50
Ω
100
Ω
100
Ω
50
Ω
50
Ω
(VCCO – 2V) × 2
ADCMP551/
ADCMP552/
ADCMP553
+
–
Figure 24. How to Interface a PECL Output to an
Instrument with a 50 Ω to Ground Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com