Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3231 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG3231
Description  Low Voltage, Single-Channel Level Translator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3231 Datasheet(HTML) 1 Page - Analog Devices

  ADG3231 Datasheet HTML 1Page - Analog Devices ADG3231 Datasheet HTML 2Page - Analog Devices ADG3231 Datasheet HTML 3Page - Analog Devices ADG3231 Datasheet HTML 4Page - Analog Devices ADG3231 Datasheet HTML 5Page - Analog Devices ADG3231 Datasheet HTML 6Page - Analog Devices ADG3231 Datasheet HTML 7Page - Analog Devices ADG3231 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
that may result from its use. No license is granted by implication or oth-
erwise under any patent or patent rights of Analog Devices. Trademarks
and registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
ADG3231*
Low Voltage, Single-Channel
Level Translator
*Patent Pending
FEATURES
Operates from 1.65 V to 3.6 V Supply Rails
Unidirectional Signal Path, Bidirectional Level Translation
Tiny 6-Lead SOT-23 Package
Short Circuit Protection
LVTTL/CMOS Compatible Inputs
APPLICATIONS
Level Translation
Low Voltage ASIC Translation
Serial Interface Translation
FUNCTIONAL BLOCK DIAGRAM
A1
GND
Y1
VCC2
VCC1
GENERAL DESCRIPTION
The ADG3231 is a level translator designed on a submicron
process that operates from supplies as low as 1.65 V. The device
is guaranteed for operation over the supply range 1.65 V to 3.6 V.
It operates from two supply voltages, allowing bidirectional level
translation, i.e., it translates low voltages to higher voltages and
vice versa. The signal path is unidirectional, meaning data may
flow only from A1 to Y1.
This type of device may be used in applications requiring commu-
nication between devices operating from different supply levels.
The level translator is packaged in one of the smallest footprints
available for its pin count. The 6-lead SOT-23 package requires
only a maximum of 5.28 mm
5.28 mm board space.
PRODUCT HIGHLIGHTS
1. Bidirectional level translation matches any voltage level from
1.65 V to 3.6 V.
2. The device offers high performance and is fully guaranteed
across the supply range.
3. Short circuit protection.
4. Tiny SOT-23 package.
REV. 0


Similar Part No. - ADG3231

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3231 AD-ADG3231 Datasheet
236Kb / 12P
1.65 V to 3.6 V, Single-Channel Level Translator in SOT-23 Package
Rev. C
ADG3231BRJ-REEL7 AD-ADG3231BRJ-REEL7 Datasheet
236Kb / 12P
1.65V to 3.6V, Single-Channel Level Translator in SOT-23 Package
REV. C
ADG3231BRJ-REEL7 AD-ADG3231BRJ-REEL7 Datasheet
236Kb / 12P
1.65 V to 3.6 V, Single-Channel Level Translator in SOT-23 Package
Rev. C
ADG3231BRJZ-REEL AD-ADG3231BRJZ-REEL Datasheet
236Kb / 12P
1.65V to 3.6V, Single-Channel Level Translator in SOT-23 Package
REV. C
ADG3231BRJZ-REEL AD-ADG3231BRJZ-REEL Datasheet
236Kb / 12P
1.65 V to 3.6 V, Single-Channel Level Translator in SOT-23 Package
Rev. C
More results

Similar Description - ADG3231

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3232 AD-ADG3232 Datasheet
490Kb / 8P
Low Voltage 2-1 Mux, Level Translator
7/03-Data Sheet changed from REV. 0 to REV. A.
logo
National Semiconductor ...
DS7800 NSC-DS7800 Datasheet
108Kb / 4P
Dual Voltage Level Translator
logo
Analog Devices
ADG3301 AD-ADG3301 Datasheet
627Kb / 20P
Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
12/05-Revision 0
logo
Maxim Integrated Produc...
MAX13046E MAXIM-MAX13046E Datasheet
165Kb / 15P
Single- and Dual-Bidirectional Low-Level Translator
Rev 1; 8/08
logo
Analog Devices
ADG3301 AD-ADG3301_15 Datasheet
627Kb / 20P
Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
logo
Texas Instruments
LSF0101 TI1-LSF0101 Datasheet
1Mb / 39P
Channel Bidirectional Multi-Voltage Level Translator
logo
Pericom Semiconductor C...
PI6ULS5V9306 PERICOM-PI6ULS5V9306 Datasheet
712Kb / 14P
SMBus voltage-level translator
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1_16 Datasheet
972Kb / 23P
Voltage-Level Translator
LSF0108-Q1 TI1-LSF0108-Q1 Datasheet
1Mb / 24P
Automotive 8-Channel Multi-Voltage Level Translator
logo
Nexperia B.V. All right...
74AUP1T50 NEXPERIA-74AUP1T50 Datasheet
236Kb / 14P
Low-power buffer with voltage-level translator
Rev. 4 - 5 August 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com