Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP351 Datasheet(PDF) 2 Page - Analog Devices

Part # ADCMP351
Description  Comparator and Reference Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP351 Datasheet(HTML) 2 Page - Analog Devices

  ADCMP351 Datasheet HTML 1Page - Analog Devices ADCMP351 Datasheet HTML 2Page - Analog Devices ADCMP351 Datasheet HTML 3Page - Analog Devices ADCMP351 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ADCMP350–ADCMP357
Preliminary Technical Data
Rev. PrB | Page 2 of 4
SPECIFICATIONS
(VCC=Full Operating Range, TA=-40°C to +125°C, unless otherwise noted.)
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
SUPPLY
VCC Operating Voltage Range
2.25
3.6
V
VIN Operating Voltage Range
22
V
Supply Current
10
15
µA
INTERNAL REFERENCE
ADCMP350/2/4/6
0.585
0.6
0.615
V
VCC=3.3V, TA=-40°C to +85°C
0.579
0.6
0.621
V
VCC=3.3V, TA=-40°C to +125°C
ADCMP351/3/5/7
1.17
1.2
1.23
V
VCC=3.3V, TA=-40°C to +85°C
1.158
1.2
1.242
V
VCC=3.3V, TA=-40°C to +125°C
VIN HYSTERESIS
20
mV
INPUT BIAS CURRENT
10
nA
VCC=3.3V
THRESHOLD TEMPERATURE COEFFICIENT
30
ppm/ºC
VIN TO OUT DELAY
5
µs
VIN= VTH to (VTH-100mV)
OUT/OUT VOLTAGE LOW
0.3
V
VIN<VTH min, ISINK=1.2mA
OUT/OUT VOLTAGE HIGH
0.8xVcc
V
VIN>VTH max, ISOURCE=500µA
OUT/OUT OPEN-DRAIN OUTPUT LEAKAGE CURRENT
1
µA
VCC>VTH, OUT/OUT=22V
ABSOLUTE MAXIMUM RATINGS
Table 3. TA = 25°C unless otherwise noted.
Parameter
Rating
VCC
-0.3V to +6V
VIN
-0.3V to +25V
OUT, OUT (Open-Drain)
-0.3V to +25V
OUT, OUT (Push-Pull)
-0.3V to (VCC+0.3V)
Operating Temperature Range
-40°C to +125°C
Storage Temperature Range
-65°C to +150°C
θJA Thermal Impedance, SC70
146°C/W
Lead Temperature
Soldering (10 sec)
300°C
Vapour Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com