Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP351 Datasheet(PDF) 3 Page - Analog Devices

Part # ADCMP351
Description  Comparator and Reference Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP351 Datasheet(HTML) 3 Page - Analog Devices

  ADCMP351 Datasheet HTML 1Page - Analog Devices ADCMP351 Datasheet HTML 2Page - Analog Devices ADCMP351 Datasheet HTML 3Page - Analog Devices ADCMP351 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary Technical Data
ADCMP350–ADCMP357
Rev. PrB | Page 3 of 4
PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
1
23
4 VCC
GND
OUT
VIN
ADM109x
Table 4. Pin Functional Descriptions
Pin No.
Name
Description
1
VIN
Monitors analog input voltage
2
GND
Ground
3
OUT/OUT
Digital output. Active-high or active-low and open-drain or push-pull options
depending on model number
4
VCC
Power supply
ESD CAUTION
`
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
ADCMP35x



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com