Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR510ART-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADR510ART-R2
Description  1.0 V Precision Low Noise Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR510ART-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADR510ART-R2 Datasheet HTML 1Page - Analog Devices ADR510ART-R2 Datasheet HTML 2Page - Analog Devices ADR510ART-R2 Datasheet HTML 3Page - Analog Devices ADR510ART-R2 Datasheet HTML 4Page - Analog Devices ADR510ART-R2 Datasheet HTML 5Page - Analog Devices ADR510ART-R2 Datasheet HTML 6Page - Analog Devices ADR510ART-R2 Datasheet HTML 7Page - Analog Devices ADR510ART-R2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. 0
ADR510
–5–
Adjustable Precision Voltage Source
The ADR510, combined with a precision low input bias op amp
such as the AD8610, can be used to output a precise adjustable
voltage. Figure 2 illustrates the implementation of this application
using the ADR510.
The output of the op amp, VOUT, is determined by the gain of the
circuit, which is completely dependent on Resistors R2 and R1.
V
R2
R1
OUT =+
1
(4)
An additional capacitor in parallel with R2 can be added to filter
out high frequency noise. The value of C2 is dependent on the
value of R2.
VOUT = (1 + R2/R1)
RBIAS
R1
VCC
R2
AD8610
ADR510
1.0V
C2 (OPTIONAL)
Figure 2. Adjustable Precision Voltage Source
Output Voltage Trim
Using a mechanical or digital potentiometer, the output voltage
of the ADR510 can be trimmed
±0.5%. The circuit in Figure 3
illustrates how the output voltage can be trimmed, using a 10 k
Ω
potentiometer. Note that trimming using other resistor values
may not produce an accurate output from the ADR510.
RBIAS
VCC
R1
470k
POT
10k
ADR510
VOUT
Figure 3. Output Voltage Trim
Using the ADR510 with Precision Data Converters
The compact ADR510 and its low minimum operating current
requirement make it ideal for use in battery-powered portable
instruments, such as the AD7533 CMOS multiplying DAC, that
use precision data converters.
Figure 4 shows the ADR510 serving as an external reference to
the AD7533, a CMOS multiplying DAC. Such a DAC requires
a negative voltage input in order to provide a positive output range.
In this application, the ADR510 is supplying a –1.0 V reference
to the REF input of the AD7533.
MSB
VDD
VOUT = 0V TO 1.0V
–VDD
GN
LSB
1
2
3
1
1
15
09
R2
ADR510
AD7533
Figure 4. ADR510 as a Reference for a 10-Bit
CMOS DAC (AD7533)
Precise Negative Voltage Reference
The ADR510 is suitable for use in applications where a precise
negative voltage reference is desired, including the application
detailed in Figure 4.
Figures 5 shows the ADR510 configured to provide a –1.0 V output.
–1.0V
–VDD
R1
ADR510
Figure 5. Precise –1.0 V Reference Configuration
Since the ADR510 characteristics resemble those of a Zener
diode, the cathode shown in Figure 5 will be 1.0 V higher with
respect to the anode (V+ with respect to V– on the ADR510
package). Since the cathode of the ADR510 is tied to ground,
the anode must be –1.0 V.
R1 in Figure 5 should be chosen so that 100
µA to 10 mA is
provided to properly bias the ADR510.
R
V
I
DD
1
=
(5)
The R1 resistor should be chosen so that power dissipation is at
a minimum. An ideal resistor value can be determined through
manipulation of Equation 5.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com