Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR510ART-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADR510ART-R2
Description  1.0 V Precision Low Noise Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR510ART-R2 Datasheet(HTML) 6 Page - Analog Devices

  ADR510ART-R2 Datasheet HTML 1Page - Analog Devices ADR510ART-R2 Datasheet HTML 2Page - Analog Devices ADR510ART-R2 Datasheet HTML 3Page - Analog Devices ADR510ART-R2 Datasheet HTML 4Page - Analog Devices ADR510ART-R2 Datasheet HTML 5Page - Analog Devices ADR510ART-R2 Datasheet HTML 6Page - Analog Devices ADR510ART-R2 Datasheet HTML 7Page - Analog Devices ADR510ART-R2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. 0
–6–
ADR510
OUTLINE DIMENSIONS
3-Lead Small Outline Transistor Package [SOT-23]
(RT-3)
Dimensions shown in millimeters
3.04
2.90
2.80
PIN 1
1.40
1.30
1.20
2.64
2.10
1.90 BSC
1
2
3
SEATING
PLANE
1.12
0.89
0.10
0.01
0.50
0.30
0.20
0.08
0.60
0.50
0.40
0.95 BSC
COMPLIANT TO JEDEC STANDARDS TO-236AB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com