Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND8090 Datasheet(PDF) 13 Page - ON Semiconductor

Part # AND8090
Description  AC Characteristics of ECL Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8090 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AND8090 Datasheet HTML 9Page - ON Semiconductor AND8090 Datasheet HTML 10Page - ON Semiconductor AND8090 Datasheet HTML 11Page - ON Semiconductor AND8090 Datasheet HTML 12Page - ON Semiconductor AND8090 Datasheet HTML 13Page - ON Semiconductor AND8090 Datasheet HTML 14Page - ON Semiconductor AND8090 Datasheet HTML 15Page - ON Semiconductor AND8090 Datasheet HTML 16Page - ON Semiconductor AND8090 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AND8090/D
http://onsemi.com
13
Negative Setup and Positive Hold Example – The
MC100E445 4−Bit Serial/Parallel Converter data sheet
specifies the following:
• The minimum setup time of negative 200 ps indicates
that the left edge of the timing window is 200 ps after
the active rising clock edge.
• The minimum hold time of positive 300 ps specifies
that the right edge of the timing window is 300 ps after
the active rising clock edge.
The setup time requirement and the hold time requirement
were both met in the example shown in Figure 33, therefore
the LOW−to−HIGH output transition occurs after the CLK
rising edge propagation delay of 1800 ps. Note that the input
cannot change within the timing window of 100 ps. Only
one of the differential clocks and differential inputs is shown
in Figure 33.
Positive Setup and Negative Hold Example – The
MC100E136 6−Bit Universal Up/Down Counter data sheet
specifies the following:
• The minimum setup time of positive 400 ps indicates
that the left edge of the timing window is 400 ps before
the active rising clock edge.
• The minimum hold time of negative 250 ps specifies
that the right edge of the timing window is 250 ps
before the active rising clock edge.
The setup time requirement and the hold time requirement
were both met in the example shown in Figure 34, therefore
the LOW−to−HIGH output transition occurs after the CLK
rising edge propagation delay of 1150 ps. Note that the input
cannot change within the timing window of 150 ps.
Figure 33. Negative Setup and Positive Hold Example
t(ps)
CLK
50%
50% 50%
INPUT
OUTPUT
tPLH
1800 ps
−200
ts(min)
+300
th(min)
50%
Figure 34. Positive Setup and Negative Hold Example
t(ps)
CLK
50%
50%
50%
INPUT
OUTPUT
tPLH
1150 ps
+400
ts(min)
−250
th(min)
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com