Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND8090 Datasheet(PDF) 2 Page - ON Semiconductor

Part # AND8090
Description  AC Characteristics of ECL Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8090 Datasheet(HTML) 2 Page - ON Semiconductor

  AND8090 Datasheet HTML 1Page - ON Semiconductor AND8090 Datasheet HTML 2Page - ON Semiconductor AND8090 Datasheet HTML 3Page - ON Semiconductor AND8090 Datasheet HTML 4Page - ON Semiconductor AND8090 Datasheet HTML 5Page - ON Semiconductor AND8090 Datasheet HTML 6Page - ON Semiconductor AND8090 Datasheet HTML 7Page - ON Semiconductor AND8090 Datasheet HTML 8Page - ON Semiconductor AND8090 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AND8090/D
http://onsemi.com
2
LAB TESTING
Test Bench Overview
Specialized test benches are used to determine the AC
characteristics of the Device−Under−Test (DUT). A typical
test bench setup for a differential device is shown in
Figure 1.
Test Initialization
• The test cables are connected from the pulse generator to
the appropriate DUT test board input connectors.
• The test cables are connected from the DUT test board
output connectors to the appropriate digital sampling
oscilloscope input connectors.
• The power supply cables are connected to the DUT test
board power supply connectors.
• The airflow regulator is set to 500 lfpm and the desired
DUT ambient air temperature. The DUT is in this
environment for a minimum of 3 minutes before testing
begins. Data sheet specifications are typically given for
−40
°C, 25°C, and 85°C.
Q
CHANNEL A (50
W)
CHANNEL B (50
W)
Q
TRIGGER
CHANNEL C (50
W)
CHANNEL D (50
W)
TRIGGER
PULSE
GENERATOR
OSCILLOSCOPE
VCC
D
D
Q
Q
50
W COAX
VEE
50
W COAX
50
W COAX
50
W COAX
50
W COAX
50
W COAX
Figure 1. AC Characterization Test Bench Setup
Test Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com