Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM2313 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APM2313
Description  P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2313 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM2313 Datasheet HTML 1Page - Anpec Electronics Coropration APM2313 Datasheet HTML 2Page - Anpec Electronics Coropration APM2313 Datasheet HTML 3Page - Anpec Electronics Coropration APM2313 Datasheet HTML 4Page - Anpec Electronics Coropration APM2313 Datasheet HTML 5Page - Anpec Electronics Coropration APM2313 Datasheet HTML 6Page - Anpec Electronics Coropration APM2313 Datasheet HTML 7Page - Anpec Electronics Coropration APM2313 Datasheet HTML 8Page - Anpec Electronics Coropration APM2313 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Jun., 2003
www.anpec.com.tw
2
APM2313
Notes
a : Pulse test ; pulse width
≤300µs, duty cycle ≤ 2%
b : Guaranteed by design, not subject to production testing
Absolute Maximum Ratings (Cont.) (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Rating
Unit
T
A=25°C
1.25
P
D
Maximum Power Dissipation
T
A=100°C
0.5
W
T
J
Maximum Junction Temperature
150
°C
T
STG
Storage Temperature Range
-55 to 150
°C
RθjA
Thermal Resistance – Junction to Ambient
100
°C/W
APM2313
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Static
BV
DSS
Drain-Source Breakdown
Voltage
V
GS=0V , IDS=-250µA
-20
V
I
DSS
Zero Gate Voltage Drain
Current
V
DS=-16V , VGS=0V
-1
µA
V
GS(th)
Gate Threshold Voltage
V
DS=VGS , IDS=-250µA
-0.5
-0.7
-1
V
I
GSS
Gate Leakage Current
V
GS=±10V , VDS=0V
±100
nA
V
GS=-4.5V , IDS=-1.8A
108
140
R
DS(ON)
a
Drain-Source On-state
Resistance
V
GS=-2.5V , IDS=-0.8A
135
175
m
Ω
V
SD
a
Diode Forward Voltage
I
SD=-0.5A , VGS=0V
-0.8
-1.3
V
Dynamic
b
Q
g
Total Gate Charge
5.3
7
Q
gs
Gate-Source Charge
1.04
Q
gd
Gate-Drain Charge
V
DS=-10V , IDS= -1.8A ,
V
GS=-4.5V
0.62
nC
t
d(ON)
Turn-on Delay Time
816
T
r
Turn-on Rise Time
715
t
d(OFF)
Turn-off Delay Time
18
35
T
f
Turn-off Fall Time
V
DD=-10V , IDS=-1A ,
V
GEN=-4.5V , RG=6Ω
815
ns
C
iss
Input Capacitance
435
C
oss
Output Capacitance
120
C
rss
Reverse Transfer Capacitance
V
GS=0V
V
DS=-15V
Frequency=1.0MHz
65
pF
Electrical Characteristics (T
A = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com