Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM2313 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APM2313
Description  P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2313 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APM2313 Datasheet HTML 1Page - Anpec Electronics Coropration APM2313 Datasheet HTML 2Page - Anpec Electronics Coropration APM2313 Datasheet HTML 3Page - Anpec Electronics Coropration APM2313 Datasheet HTML 4Page - Anpec Electronics Coropration APM2313 Datasheet HTML 5Page - Anpec Electronics Coropration APM2313 Datasheet HTML 6Page - Anpec Electronics Coropration APM2313 Datasheet HTML 7Page - Anpec Electronics Coropration APM2313 Datasheet HTML 8Page - Anpec Electronics Coropration APM2313 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Jun., 2003
www.anpec.com.tw
5
APM2313
1E-4
1E-3
0.01
0.1
1
10
100
0.01
0.1
1
500
0.01
0.1
1
10
100
0
2
4
6
8
10
500
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
0.1
1
10
Typical Characteristics (Cont.)
Single Pulse Power
Time (sec)
Square Wave Pulse Duration (sec)
Source-Drain Diode Forward Voltage
TJ=150°C
TJ=25°C
-VSD -Source-to-Drain Voltage (V)
Normalized Thermal Transient Impedence, Junction to Ambient
1.Duty Cycle, D=t1/t2
2.Per Unit Base=RthJA=100°C/W
3.TJM-TA=PDMZthJA
Duty Cycle=0.5
D=0.2
D=0.1
D=0.05
D=0.02
SINGLE PULSE
D=0.01



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com