Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD-ROM Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # CD-ROM
Description  Optical Mouse Designer?셲 Kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

CD-ROM Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  CD-ROM Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ADNK-2623
Optical Mouse Designer’s Kit
Design Guide
Introduction
The ADNK-2623 reference design mouse unit enables
users to evaluate the performance of the Optical Tracking
Engine (sensor, lens, LED assembly clip, LED) over both
a USB or PS/2 connection, using Cypress enCoRe USB
Controller. This kit also allows the user to understand the
recommended mechanical assembly. (See Figure 1.)
The ADNK-2623 comprises of the plastic case, printed
circuit board (PCB), lens, buttons, and USB cable. (See
Figure 2.) Unscrewing the one screw located at the base
of the unit can open the ADNK-2623. It can be further dis-
assembled by lifting and pulling the PCB out of the base
plate. The lens is not permanently attached to the sensor
and will drop out of the assembly.
For more information, check out the Avago’s optical
mouse sensor website.
Functionality
3-button, scroll wheel combi mouse.
System Requirements
PCs using Windows® 95/Windows® 98/ Windows® NT/
Windows® 2000 with PS/2 port and standard 3-button USB
mouse driver loaded.
Operating (For PS/2 Mode)
Step 1: Turn off the PC.
Step 2: Plug the mouse unit’s PS/2 connector into the PC’s
PS/2 port.
Step 3: Turn on the PC. All of the mouse buttons and scroll
wheel will function exactly like a standard PS/2 mouse.
Operating (For USB Mode)
Hot pluggable with USB port. The PC does not need to
be powered off when plugging or unplugging the evalu-
ation mouse.
Kit Components
Refer to table on page 3.
Sensor
The sensor technical information is contained in the
ADNS-2620 Data Sheet.
USB Controller
Technical information on the Cypress enCoRe USB control-
ler is contained in the CY7C63723 Data Sheet. The enclosed
“Cypress Lab” CD-ROM contains the development tools
for the CY7C63723. These tools will allow the designer
to make changes and recompile the source code. To
perform In-Circuit Emulation for easier debugging of
new code development, contact Cypress to purchase the
CY3654 Development Kit and the CY3654-P05 Personal-
ity Board.
Programming support and programmer adaptors for the
Cypress CY7C63723-PC can be found through Cypress
(CY3649-xxxV + CY3083-DP48 + CY3083-07) or through
most 3rd party programming companies. For further
information on this product, please contact Cypress
Semiconductor.
Lens
The lens technical information is contained in the HDNS-
2100 Data Sheet. The flange on the standard HDNS-2100
lens is for ESD protection.
LED Assembly Clip
The information on the assembly clip is contained in the
HDNS-2200 Data Sheet.
LED
The LED technical information is contained in the HLMP-
ED80-XX000 Data Sheet and Application Note 1282. Ad-
ditional application notes regarding Eye Safety Require-
ments are also available on Avago’s website.
Base Plate Feature —IGES File
The IGES file on the floppy disc provides recom-
mended base plate molding features to ensure optical
alignment.
Reference Design Documentation— Gerber file
Avago Technologies in partnership with


Similar Part No. - CD-ROM

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
CD-ROM AVAGO-CD-ROM Datasheet
271Kb / 8P
USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
CD-ROM AVAGO-CD-ROM Datasheet
166Kb / 6P
USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
More results

Similar Description - CD-ROM

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3533-TN24 AVAGO-ADNK-3533-TN24 Datasheet
761Kb / 17P
Optical Mouse Designer?셲 Kit
ADNK-3043-TI27 AVAGO-ADNK-3043-TI27 Datasheet
620Kb / 14P
Wireless USB Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 AVAGO-ADNK-6003-SP01 Datasheet
305Kb / 16P
Optical Mouse Designer?셲 Kit
ADNK-5023-CY02 AVAGO-ADNK-5023-CY02 Datasheet
123Kb / 3P
Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-2133 BOARDCOM-ADNK-2133 Datasheet
402Kb / 7P
Optical Mouse Designer?셲 Kit
ADNK-2623 BOARDCOM-ADNK-2623 Datasheet
189Kb / 3P
Optical Mouse Designer?셲 Kit
ADNK-3043-TI27 BOARDCOM-ADNK-3043-TI27 Datasheet
620Kb / 14P
Wireless USB Optical Mouse Designer?셲 Kit
ADNK-5023-CY02 BOARDCOM-ADNK-5023-CY02 Datasheet
112Kb / 3P
Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 BOARDCOM-ADNK-6003-SP01 Datasheet
305Kb / 16P
Optical Mouse Designer?셲 Kit
ADNK-6033-CC24 BOARDCOM-ADNK-6033-CC24 Datasheet
271Kb / 8P
USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com