Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD-ROM Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # CD-ROM
Description  Optical Mouse Designer?셲 Kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

CD-ROM Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  CD-ROM Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 005-008 Avago Technologies. All rights reserved.
AV0-1116EN - September 5, 008
Kit Components
This designer’s kit contains the following components:
Part Number
Description
Name
Quantity
ADNK-2623
Optical Mouse Reference Design Unit Includes:
Reference
1
- Avago ADNS-2620 optical mouse sensor
Design Unit
- Cypress CY7C63723 enCoRe™ USB controller
ADNS-2620
Optical Mouse Sensor
Sensor
5
CY7C63723-PC
Cypress USB Controller
USB Controller
5
HDNS-2100
Round Lens Plate
Lens
5
HDNS-2100#001
Trimmed Lens Plate
Lens
5
HDNS-2200
LED Assembly Clip (Black)
LED Clip
5
HDNS-2200#001
LED Assembly Clip (Transparent)
LED Clip
5
HLMP-ED80-XX000
639 nm T1 3/
4 (5 mm) Diameter LED
LED
5
ADNK-2623
Includes Documentation and Support Files for ADNK-2623
1
CD-ROM
Documentation
a. ADNS-2620 Data Sheet
b. CY7C63723 Data Sheet
c. HDNS-2100 Data Sheet
d. HDNS-2200 Data Sheet
e. HLMP-ED80-XX000 Data Sheet
f. Application Note 1228
Hardware Support Files
a. ADNK-2623 BOM List
b. ADNK-2623 Schematic
c. 3D IGES Files
Software Support Files
a. Microcontroller Firmware
Cypress LAB™
Includes Development Tools and Support Files for CY7C63723-PC
1
CD-ROM
• CY Debugger
• CYASM Assembler Software
• Code Examples
• Users Manual
Avago Technologies in partnership with



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com