Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS67A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BGS67A
Description  65 MHz, 25.5 dB gain reverse amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGS67A Datasheet(HTML) 1 Page - NXP Semiconductors

  BGS67A Datasheet HTML 1Page - NXP Semiconductors BGS67A Datasheet HTML 2Page - NXP Semiconductors BGS67A Datasheet HTML 3Page - NXP Semiconductors BGS67A Datasheet HTML 4Page - NXP Semiconductors BGS67A Datasheet HTML 5Page - NXP Semiconductors BGS67A Datasheet HTML 6Page - NXP Semiconductors BGS67A Datasheet HTML 7Page - NXP Semiconductors BGS67A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
Supersedes data of 2002 Jun 06
2002 Sep 06
DISCRETE SEMICONDUCTORS
BGS67A
65 MHz, 25.5 dB gain
reverse amplifier
M3D818


Similar Part No. - BGS67A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGS67A NXP-BGS67A Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results

Similar Description - BGS67A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY66B NXP-BGY66B_01 Datasheet
55Kb / 8P
120 MHz, 25 dB gain reverse amplifier
2001 Oct 18
BGY67 NXP-BGY67_01 Datasheet
55Kb / 8P
200 MHz, 22 dB gain reverse amplifier
2001 Oct 18
BGY68 NXP-BGY68_01 Datasheet
54Kb / 8P
75 MHz, 30 dB gain reverse amplifier
2001 Oct 18
BGY67A112 NXP-BGY67A112 Datasheet
100Kb / 8P
200 MHz, 24 dB gain reverse amplifier
Rev. 5-19 September 2011
logo
Quanzhou Jinmei Electro...
BGY66B_2015 JMNIC-BGY66B_2015 Datasheet
55Kb / 8P
120 MHz, 25 dB gain reverse amplifier
BGY67A_2015 JMNIC-BGY67A_2015 Datasheet
55Kb / 8P
200 MHz, 24 dB gain reverse amplifier
CGY887A_2015 JMNIC-CGY887A_2015 Datasheet
55Kb / 8P
860 MHz, 25.5 dB gain push-pull amplifier
BGY66B JMNIC-BGY66B_15 Datasheet
55Kb / 8P
120 MHz, 25 dB gain reverse amplifier
BGY67 JMNIC-BGY67_15 Datasheet
55Kb / 8P
200 MHz, 22 dB gain reverse amplifier
BGY67A JMNIC-BGY67A_15 Datasheet
55Kb / 8P
200 MHz, 24 dB gain reverse amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com