Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS67A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGS67A
Description  65 MHz, 25.5 dB gain reverse amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGS67A Datasheet(HTML) 3 Page - NXP Semiconductors

  BGS67A Datasheet HTML 1Page - NXP Semiconductors BGS67A Datasheet HTML 2Page - NXP Semiconductors BGS67A Datasheet HTML 3Page - NXP Semiconductors BGS67A Datasheet HTML 4Page - NXP Semiconductors BGS67A Datasheet HTML 5Page - NXP Semiconductors BGS67A Datasheet HTML 6Page - NXP Semiconductors BGS67A Datasheet HTML 7Page - NXP Semiconductors BGS67A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2002 Sep 06
3
Philips Semiconductors
Product specification
65 MHz, 25.5 dB gain reverse amplifier
BGS67A
CHARACTERISTICS
Bandwidth 5 to 65 MHz; VB =12V; Tmb =30 °C; ZS =ZL =75 Ω.
Notes
1. fp = 19 MHz; Vp = 50 dBmV; fq = 31 MHz; Vq = 50 dBmV; measured at fp +fq = 50 MHz.
2. The module normally operates at VB = 12 V, but is able to withstand supply transients up to 30 V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Gp
power gain
f = 10 MHz
25
26
dB
SL
slope straight line
f = 5 to 65 MHz
−0.1
+0.6
dB
FL
flatness of frequency response
f = 5 to 65 MHz
−±0.2
dB
s11
input return losses
f = 5 to 65 MHz
20
−
dB
s22
output return losses
f = 5 to 65 MHz
20
−
dB
CTB
composite triple beat
4 channels flat; Vo = 50 dBmV;
measured at 25 MHz
−−64
dB
Xmod
cross modulation
4 channels flat; Vo = 50 dBmV;
measured at 25 MHz
−−54
dB
d2
second order distortion
note 1
−−70
dB
NF
noise figure
f = 65 MHz
−
3.5
dB
Itot
total current consumption
note 2
75
95
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com