Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV111 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV111
Description  Operational Amplifier with Bias Network
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV111 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  LMV111 Datasheet HTML 1Page - National Semiconductor (TI) LMV111 Datasheet HTML 2Page - National Semiconductor (TI) LMV111 Datasheet HTML 3Page - National Semiconductor (TI) LMV111 Datasheet HTML 4Page - National Semiconductor (TI) LMV111 Datasheet HTML 5Page - National Semiconductor (TI) LMV111 Datasheet HTML 6Page - National Semiconductor (TI) LMV111 Datasheet HTML 7Page - National Semiconductor (TI) LMV111 Datasheet HTML 8Page - National Semiconductor (TI) LMV111 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Application Section (Continued)
4.0 Phase Inverting AC Amplifier
A single supply phase inverting AC amplifier is shown in
Fig-
ure 2. The output voltage is biased at mid-supply, and AC in-
put signal is amplified by (R
2/R 1). Capacitor CIN acts as an
input AC coupling capacitor to block DC potentials. A capaci-
tor of 0.1µF or larger can be used. The output of the LMV111
can swing rail-to-rail. To avoid output distortion, the
peak-to-peak amplitude of the input AC signal should be less
than V
CC(R1/R2).
It is recommended that a small-valued capacitor is used
across the feedback resistor R
2 to eliminate stability prob-
lems, prevent peaking of the response, and limit the band-
width of the circuit. This can also help to reduce high fre-
quency noise and some other interference.
5.0 Fixed Current Source
A multiple fixed current source is show in
Figure 3. A refer-
ence voltage (V
REF = 2.5V) is established across resistor R3
by the voltage divider (R
3 and R4). Negative feedback is
used to cause the voltage drop across R
1 to be equal to
V
REF. This controls the emitter current of transistor Q1 and if
we neglect the base current of Q1 and Q2, essentially this
same current is available out of the collector of Q1. A Dar-
lington connection can be used to reduce errors due to the
bias current of Q1.
6.0 Difference Amplifier
The difference amplifier allows the subtraction of two volt-
ages or, as a special case, the cancellation of a signal com-
mon to two inputs. It is useful as a computational amplifier, in
making a differential to single-ended conversion or in reject-
ing a common mode signal.
DS101262-24
FIGURE 2. Phase Inverting AC Amplifier
DS101262-25
FIGURE 3. Fixed Current Source
DS101262-26
FIGURE 4. Difference Amplifier
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com