Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV111 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV111
Description  Operational Amplifier with Bias Network
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV111 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV111 Datasheet HTML 1Page - National Semiconductor (TI) LMV111 Datasheet HTML 2Page - National Semiconductor (TI) LMV111 Datasheet HTML 3Page - National Semiconductor (TI) LMV111 Datasheet HTML 4Page - National Semiconductor (TI) LMV111 Datasheet HTML 5Page - National Semiconductor (TI) LMV111 Datasheet HTML 6Page - National Semiconductor (TI) LMV111 Datasheet HTML 7Page - National Semiconductor (TI) LMV111 Datasheet HTML 8Page - National Semiconductor (TI) LMV111 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LMV111
Operational Amplifier with Bias Network
General Description
The LMV111 integrates a rail-to-rail op amp with a V
+/2 bias
circuit into one ultra tiny package, SC70-5 or SOT23-5. The
core op amp of the LMV111 is an LMV321, which provides
rail-to-rail output swing, excellent speed-power ratio, 1MHz
bandwidth, and 1V/µs of slew rate with low supply current.
The LMV111 reduces external component count. It is a cost
effective solution for applications where low voltage opera-
tion, low power consumption, space saving, and reliable per-
formance are needed. It enables the design of small portable
electronic devices, and allows the designer to place the de-
vice closer to the signal source to reduce noise pickup and
increase signal integrity.
Features
(For 5V Supply, Typical Unless Otherwise Noted)
n Resistor ratio matching
1% (typ)
n Space saving package
SC70-5 & SOT23-5
n Industrial temp. range
−40˚C to +85˚C
n Low supply current
130µA
n Gain-bandwidth product
1MHz
n Rail-to-Rail output swing
n Guaranteed 2.7V and 5V performance
Applications
n General purpose portable devices
n Active filters
n Mobile communications
n Battery powered electronics
n Microphone preamplifiers
Connection Diagrams
DS101262-21
December 1999
© 1999 National Semiconductor Corporation
DS101262
www.national.com


Similar Part No. - LMV111

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV110 NSC-LMV110 Datasheet
769Kb / 12P
Fixed-Gain Amplifiers
LMV110 NSC-LMV110 Datasheet
772Kb / 12P
Fixed-Gain Amplifiers
LMV110M5 NSC-LMV110M5 Datasheet
769Kb / 12P
Fixed-Gain Amplifiers
LMV110M5 NSC-LMV110M5 Datasheet
772Kb / 12P
Fixed-Gain Amplifiers
LMV110M5X NSC-LMV110M5X Datasheet
769Kb / 12P
Fixed-Gain Amplifiers
More results

Similar Description - LMV111

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD549 AD-AD549 Datasheet
418Kb / 12P
Ultralow Input Bias Current Operational Amplifier
OP-297 AD-OP-297 Datasheet
592Kb / 16P
DUAL LOW BIAS CURRENT PRECISION OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP297 AD-OP297_06 Datasheet
323Kb / 16P
Dual Low Bias Current Precision Operational Amplifier
Rev. F
AD549 AD-AD549_08 Datasheet
1Mb / 20P
Ultralow Input Bias Current Operational Amplifier
Rev. H
logo
Dielectric Laboratories...
B28BJSBN01 DILABS-B28BJSBN01 Datasheet
430Kb / 2P
Self Bias Network
logo
Texas Instruments
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
logo
M/A-COM Technology Solu...
MABT-011000 MA-COM-MABT-011000 Datasheet
612Kb / 5P
Integrated Bias Network
MASW-004102-1276 MA-COM-MASW-004102-1276 Datasheet
975Kb / 6P
Integrated Bias Network
logo
Analog Devices
AD549 AD-AD549_17 Datasheet
1Mb / 19P
Ultralow Input Bias Current Operational Amplifier
2/15-Rev. J to Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com