Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS.01.1F21 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # TLS.01.1F21
Description  Mechanically robust for indoor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TLS.01.1F21 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  TLS.01.1F21 Datasheet HTML 1Page - Taoglas antenna solutions TLS.01.1F21 Datasheet HTML 2Page - Taoglas antenna solutions TLS.01.1F21 Datasheet HTML 3Page - Taoglas antenna solutions TLS.01.1F21 Datasheet HTML 4Page - Taoglas antenna solutions TLS.01.1F21 Datasheet HTML 5Page - Taoglas antenna solutions TLS.01.1F21 Datasheet HTML 6Page - Taoglas antenna solutions TLS.01.1F21 Datasheet HTML 7Page - Taoglas antenna solutions TLS.01.1F21 Datasheet HTML 8Page - Taoglas antenna solutions TLS.01.1F21 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DSP-15-8- SPE-15-8-049/A/SS
Page 1 of 19
SPECIFICATION
Part No.
:
TLS.01.1F21
Description
:
Shockwave 698~960/1575.42/1710~2700MHz
Permanent Mount External Antenna
N Type(F) connector
Features
:
Applicable for 2G/3G/4G cellular bands and GPS
Over 60% efficiency and 2.5 dBi gain
Mechanically robust for indoor/outdoor applications
Height: 79.45mm(3.13") ; Diameter : 42mm(1.65")
IP67 and IP69K Waterproof
N type(F) connector
RoHS compliant


Similar Part No. - TLS.01.1F21

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TLS.01.1F21 TAOGLAS-TLS.01.1F21 Datasheet
2Mb / 21P
Shockwave 698~960/1575.42/1710~2700MHz
TLS.01.1F21 TAOGLAS-TLS.01.1F21_17 Datasheet
2Mb / 21P
Shockwave 698~960/1575.42/1710~2700MHz
More results

Similar Description - TLS.01.1F21

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
1503 DATADELAY-1503 Datasheet
238Kb / 3P
MECHANICALLY VARIABLE DELAY LINE
1509 DATADELAY-1509 Datasheet
172Kb / 2P
MECHANICALLY VARIABLE DELAY LINE
DDU37F DATADELAY-DDU37F Datasheet
40Kb / 3P
MECHANICALLY VARIABLE TTL DELAY LINE
logo
Kingbright Corporation
SA03-11CGKWA KINGBRIGHT-SA03-11CGKWA Datasheet
370Kb / 6P
Mechanically rugged
logo
Taoglas antenna solutio...
TLS.01.1F11 TAOGLAS-TLS.01.1F11 Datasheet
8Mb / 19P
Mechanically robust for indoor
TLS.01.305111 TAOGLAS-TLS.01.305111 Datasheet
3Mb / 22P
Mechanically robust for indoor/outdoor applications
TLS.01.305721 TAOGLAS-TLS.01.305721 Datasheet
3Mb / 23P
Mechanically robust for indoor
logo
PHOENIX CONTACT
2230005 PHOENIX-2230005 Datasheet
58Kb / 2P
Suitable for outdoor/indoor applications
2230009 PHOENIX-2230009 Datasheet
57Kb / 2P
Suitable for outdoor/indoor applications
logo
Banner Engineering Corp...
Q2XAPAF150-2M BANNER-Q2XAPAF150-2M Datasheet
1Mb / 8P
Q2X Mechanically Adjustable Background
14 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com