Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDU37F Datasheet (PDF) - Data Delay Devices, Inc.

DDU37F Datasheet PDF - Data Delay Devices, Inc.
Part # DDU37F
Download  DDU37F Download
File Size   40.8 Kbytes
Page   3 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MECHANICALLY VARIABLE TTL DELAY LINE

DDU37F Datasheet (PDF)

Go To PDF Page Download Datasheet
DDU37F Datasheet PDF - Data Delay Devices, Inc.

Part # DDU37F
Download  DDU37F Click to download

File Size   40.8 Kbytes
Page   3 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MECHANICALLY VARIABLE TTL DELAY LINE

DDU37F Datasheet (HTML) - Data Delay Devices, Inc.


DDU37F Product details

FUNCTIONAL DESCRIPTION
The DDU37F-series device is a mechanically variable, FAST-TTL interfaced delay line. The signal input (IN) is reproduced at the tap output (OUT), shifted by an amount which can be adjusted between TD0 and TD0+ TDVAR, where TDVAR is given by the device dash number (See Table). The device operates from a single 5V supply and is TTL interfaced, capable of driving up to 10 TTL loads.

FEATURES
 • Ideal for “Set and Forget” applications
 • Multi-turn adjustment screw (approx. 40 turns)
 • Input & output fully TTL interfaced & buffered (10 T2L fan-out capability)
 • Resolution: As low as 0.12ns
 • Minimum delay (TD0): 6ns typical
 • Output rise time: 2ns typical
 • Min. input pulse width: 20% of maximum delay
 • Power dissipation: 230mW maximum
 • Operating temperature: 0° to 70°C (Commercial) -55° to 125°C (Military)
 • Temperature coefficient: 100 PPM/°C




Similar Part No. - DDU37F

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU39F DATADELAY-DDU39F Datasheet
54Kb / 3P
MECHANICALLY VARIABLE TTL DELAY LINE(SERIES DDU39F)
DDU39FM DATADELAY-DDU39FM Datasheet
54Kb / 3P
MECHANICALLY VARIABLE TTL DELAY LINE(SERIES DDU39F)
More results


Similar Description - DDU37F

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5837AF NPC-SM5837AF Datasheet
75Kb / 8P
Variable-length 1H Delay Line LSI
logo
Data Delay Devices, Inc...
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU224F DATADELAY-DDU224F Datasheet
41Kb / 4P
10-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU39F DATADELAY-DDU39F Datasheet
54Kb / 3P
MECHANICALLY VARIABLE TTL DELAY LINE(SERIES DDU39F)
1503 DATADELAY-1503 Datasheet
238Kb / 3P
MECHANICALLY VARIABLE DELAY LINE
1509 DATADELAY-1509 Datasheet
172Kb / 2P
MECHANICALLY VARIABLE DELAY LINE
3010 DATADELAY-3010 Datasheet
193Kb / 3P
VOLTAGE-VARIABLE DELAY LINE TR < 1ns
DDU47F DATADELAY-DDU47F Datasheet
37Kb / 3P
MECHANICALLY VARIABLE TTL DELAY LINE (SERIES DDU47F)
DLO32F DATADELAY-DLO32F Datasheet
48Kb / 4P
TTL-INTERFACED, GATED DELAY LINE OSCILLATOR
logo
Nippon Precision Circui...
SM5837AF NPC-SM5837AF_06 Datasheet
88Kb / 10P
Variable-length 1H Delay Line LSI
More results




About Data Delay Devices, Inc.


Data Delay Devices, Inc. (DDD) was a semiconductor company that was founded in 1964 and based in Pennsylvania, USA. The company specialized in the design and manufacture of a range of semiconductor products, including digital delay lines, programmable timers, and other timing devices.

DDD's products were widely used in a variety of industries, including aerospace, defense, telecommunications, and industrial automation. The company was known for its high-quality and reliable products, which were often customized to meet the specific needs of its customers.

In 2006, Data Delay Devices, Inc. was acquired by Data Device Corporation (DDC), a leading supplier of high-reliability data communication and control solutions for the aerospace and defense industries. Today, DDD's products are still used by many customers in these industries, and the company's legacy of high-quality timing devices lives on through DDC's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com