Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5837AF Datasheet (PDF) - Nippon Precision Circuits Inc

SM5837AF Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5837AF
Download  SM5837AF Download
File Size   75.16 Kbytes
Page   8 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Variable-length 1H Delay Line LSI

SM5837AF Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5837AF Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5837AF
Download  SM5837AF Click to download

File Size   75.16 Kbytes
Page   8 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Variable-length 1H Delay Line LSI

SM5837AF Datasheet (HTML) - Nippon Precision Circuits Inc


SM5837AF Product details

OVERVIEW
The SM5837AF is a variable-length delay line LSI. It has 12-bit input/output signal which can be set to undergo a delay in the range of 31 to 2078 delay bits. Maximum operating frequency is 40MHz, making it ideal for use in video signal processing applications.

FEATURES
■ Variable-length 1H delay
■ 12-bit input/output signal width
■ 31 to 2078- bit delay length range
■ 40MHz maximum operating frequency
■ Selectable delay setting method
    • 11-bit parallel input
    • 3-line serial input
■ TTL-compatible input/outputs
■ Tristate outputs
■ 4.75 to 5.25V operating voltage
■ Molybenum-gate CMOS process
■ Package: 44-pin QFP

APPLICATIONS
■ Video signal image processing




Similar Part No. - SM5837AF

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5837AF NPC-SM5837AF Datasheet
88Kb / 10P
Variable-length 1H Delay Line LSI
SM5837AF NPC-SM5837AF_06 Datasheet
88Kb / 10P
Variable-length 1H Delay Line LSI
More results


Similar Description - SM5837AF

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
NTSC CCD 1H Delay Line
LC89915 SANYO-LC89915 Datasheet
74Kb / 4P
NTSC 1H Delay Line
LC8992 SANYO-LC8992 Datasheet
66Kb / 4P
PAL CCD 1H Delay Line
LC89925 SANYO-LC89925 Datasheet
73Kb / 4P
PAL 1H Delay Line?
LC89950 SANYO-LC89950 Datasheet
98Kb / 5P
1H Delay Line for PAL Systems
LC89960 SANYO-LC89960 Datasheet
80Kb / 5P
NTSC 1H Delay Line
logo
Sony Corporation
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
CMOS-CCD 1H Delay Line for NTSC
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
CMOS-CCD 1H Delay Line for PAL
CXL5520M SONY-CXL5520M Datasheet
120Kb / 9P
CMOS-CCD Baseband 1H Delay Line
logo
Nippon Precision Circui...
SM5837AF NPC-SM5837AF_06 Datasheet
88Kb / 10P
Variable-length 1H Delay Line LSI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com