Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5837AF Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5837AF
Description  Variable-length 1H Delay Line LSI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5837AF Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5837AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SM5837AF
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Variable-length 1H Delay Line LSI
OVERVIEW
The SM5837AF is a variable-length delay line LSI.
It has 12-bit input/output signal which can be set to
undergo a delay in the range of 31 to 2078 delay bits.
Maximum operating frequency is 40 MHz, making it
ideal for use in video signal processing applications.
FEATURES
s
Variable-length 1H delay
s
12-bit input/output signal width
s
31 to 2078- bit delay length range
s
40 MHz maximum operating frequency
s
Selectable delay setting method
• 11-bit parallel input
• 3-line serial input
s
TTL-compatible input/outputs
s
Tristate outputs
s
4.75 to 5.25 V operating voltage
s
44-pin QFP
s
Molybenum-gate CMOS process
APPLICATIONS
s
Video signal image processing
PINOUT
1
2
3
4
5
6
7
8
9
10
11
23
24
25
26
27
28
29
30
31
32
33
TOP VIEW
DL0/SDI
DL1/SICK
DL2/LEN
DL3
DL4
VSS1
DL5
DL6
DL7
DL8
DL9
DI8
DI9
DI10
DI11
OE
CLK
VDD
DO11
DO10
DO9
DO8
PACKAGE DIMENSIONS
Unit: mm
44-pin QFP
10.00
0.80
12.80 0.30
+-
0.35 0.10
+-
+-
0.60 0.20


Similar Part No. - SM5837AF

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5837AF NPC-SM5837AF Datasheet
88Kb / 10P
Variable-length 1H Delay Line LSI
SM5837AF NPC-SM5837AF_06 Datasheet
88Kb / 10P
Variable-length 1H Delay Line LSI
More results

Similar Description - SM5837AF

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
NTSC CCD 1H Delay Line
LC89915 SANYO-LC89915 Datasheet
74Kb / 4P
NTSC 1H Delay Line
LC8992 SANYO-LC8992 Datasheet
66Kb / 4P
PAL CCD 1H Delay Line
LC89925 SANYO-LC89925 Datasheet
73Kb / 4P
PAL 1H Delay Line?
LC89950 SANYO-LC89950 Datasheet
98Kb / 5P
1H Delay Line for PAL Systems
LC89960 SANYO-LC89960 Datasheet
80Kb / 5P
NTSC 1H Delay Line
logo
Sony Corporation
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
CMOS-CCD 1H Delay Line for NTSC
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
CMOS-CCD 1H Delay Line for PAL
CXL5520M SONY-CXL5520M Datasheet
120Kb / 9P
CMOS-CCD Baseband 1H Delay Line
logo
Nippon Precision Circui...
SM5837AF NPC-SM5837AF_06 Datasheet
88Kb / 10P
Variable-length 1H Delay Line LSI
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com