Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5837AF Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5837AF
Description  Variable-length 1H Delay Line LSI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5837AF Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5837AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SM5837AF
NIPPON PRECISION CIRCUITS—2
BLOCK DIAGRAM
PIN DESCRIPTION
Number
Name
I/O (1)
Function
1
DL0/SDI
Ip
Delay length set parallel data bit DL0 (LSB) when PARA is HIGH, and SDI serial data input when PARA is LOW.
2
DL1/SICK
Ip
Delay length set parallel data bit DL1 (bit 1) when PARA is HIGH, and SICK shift clock when PARA is LOW.
3
DL2/LEN
Ip
Delay length set parallel data bit DL2 (bit 2) when PARA is HIGH, and LEN latch clock when PARA is LOW.
4
DL3
Ip
Delay length set data bit 3
5
DL4
Ip
Delay length set data bit 4
6
VSS1
–
Ground (0 V) pin 1
7
DL5
Ip
Delay length set data bit 5
8
DL6
Ip
Delay length set data bit 6
9
DL7
Ip
Delay length set data bit 7
10
DL8
Ip
Delay length set data bit 8
11
DL9
Ip
Delay length set data bit 9
12
DL10
Ip
Delay length set data bit 10
13
DO0
O
Signal output data bit 0
14
DO1
O
Signal output data bit 1
15
DO2
O
Signal output data bit 2
16
DO3
O
Signal output data bit 3
17
VSS2
–
Ground (0 V) pin 2
18
DO4
O
Signal output data bit 4
19
DO5
O
Signal output data bit 5
20
DO6
O
Signal output data bit 6
21
DO7
O
Signal output data bit 7
Variable-length
12-bit
1H Delay
Delay Length Control
DI0 - 11
SDI
SICK
LEN
VSS2
VDD
OE
DO0 - 11
Parallel/Serial Select
SIPO
CLK
RSTN
PARA
DL0 - 10
VSS1
11
11
11
12
12
12



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com