Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDU47F Datasheet (PDF) - Data Delay Devices, Inc.

DDU47F Datasheet PDF - Data Delay Devices, Inc.
Part # DDU47F
Download  DDU47F Download
File Size   37.86 Kbytes
Page   3 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MECHANICALLY VARIABLE TTL DELAY LINE (SERIES DDU47F)

DDU47F Datasheet (PDF)

Go To PDF Page Download Datasheet
DDU47F Datasheet PDF - Data Delay Devices, Inc.

Part # DDU47F
Download  DDU47F Click to download

File Size   37.86 Kbytes
Page   3 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MECHANICALLY VARIABLE TTL DELAY LINE (SERIES DDU47F)

DDU47F Datasheet (HTML) - Data Delay Devices, Inc.


DDU47F Product details

FUNCTIONAL DESCRIPTION
The DDU47F-series device is a mechanically variable, FAST-TTL interfaced delay line. The signal input (IN) is reproduced at the tap output (OUT), shifted by an amount which can be adjusted between 5ns and 25ns. The device operates from a single 5V supply and is TTL interfaced, capable of driving up to 10 TTL loads.

FEATURES
 • Ideal for “Set and Forget” applications
 • Multi-turn adjustment screw (approx. 15 turns)
 • Surface-mount package
 • Input & output fully TTL interfaced & buffered (10 T2L fan-out capability)
 • Resolution: 0.25ns typical
 • Adjustment range: 5ns to 25ns
 • Output rise time: 2ns typical
 • Min. input pulse width: 10ns
 • Power dissipation: 230mW maximum
 • Operating temperature: 0° to 70°C (Commercial) -55° to 125°C (Military)




Similar Part No. - DDU47F

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU4C DATADELAY-DDU4C Datasheet
55Kb / 4P
5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU4C)
DDU4C-5050A2 DATADELAY-DDU4C-5050A2 Datasheet
55Kb / 4P
5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU4C)
DDU4C-5050B2 DATADELAY-DDU4C-5050B2 Datasheet
55Kb / 4P
5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU4C)
DDU4C-5050M DATADELAY-DDU4C-5050M Datasheet
55Kb / 4P
5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU4C)
DDU4C-5050MC2 DATADELAY-DDU4C-5050MC2 Datasheet
55Kb / 4P
5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU4C)
More results


Similar Description - DDU47F

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5837AF NPC-SM5837AF Datasheet
75Kb / 8P
Variable-length 1H Delay Line LSI
logo
Data Delay Devices, Inc...
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU39F DATADELAY-DDU39F Datasheet
54Kb / 3P
MECHANICALLY VARIABLE TTL DELAY LINE(SERIES DDU39F)
1503 DATADELAY-1503 Datasheet
238Kb / 3P
MECHANICALLY VARIABLE DELAY LINE
1509 DATADELAY-1509 Datasheet
172Kb / 2P
MECHANICALLY VARIABLE DELAY LINE
3010 DATADELAY-3010 Datasheet
193Kb / 3P
VOLTAGE-VARIABLE DELAY LINE TR < 1ns
DDU37F DATADELAY-DDU37F Datasheet
40Kb / 3P
MECHANICALLY VARIABLE TTL DELAY LINE
DLO31F DATADELAY-DLO31F Datasheet
48Kb / 4P
TTL-INTERFACED, GATED DELAY LINE OSCILLATOR (SERIES DLO31F)
DLO32F DATADELAY-DLO32F Datasheet
48Kb / 4P
TTL-INTERFACED, GATED DELAY LINE OSCILLATOR
logo
Nippon Precision Circui...
SM5837AF NPC-SM5837AF_06 Datasheet
88Kb / 10P
Variable-length 1H Delay Line LSI
More results




About Data Delay Devices, Inc.


Data Delay Devices, Inc. (DDD) was a semiconductor company that was founded in 1964 and based in Pennsylvania, USA. The company specialized in the design and manufacture of a range of semiconductor products, including digital delay lines, programmable timers, and other timing devices.

DDD's products were widely used in a variety of industries, including aerospace, defense, telecommunications, and industrial automation. The company was known for its high-quality and reliable products, which were often customized to meet the specific needs of its customers.

In 2006, Data Delay Devices, Inc. was acquired by Data Device Corporation (DDC), a leading supplier of high-reliability data communication and control solutions for the aerospace and defense industries. Today, DDD's products are still used by many customers in these industries, and the company's legacy of high-quality timing devices lives on through DDC's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com