Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7808-CM Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS7808-CM
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808-CM Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS7808-CM Datasheet HTML 24Page - Cirrus Logic CS7808-CM Datasheet HTML 25Page - Cirrus Logic CS7808-CM Datasheet HTML 26Page - Cirrus Logic CS7808-CM Datasheet HTML 27Page - Cirrus Logic CS7808-CM Datasheet HTML 28Page - Cirrus Logic CS7808-CM Datasheet HTML 29Page - Cirrus Logic CS7808-CM Datasheet HTML 30Page - Cirrus Logic CS7808-CM Datasheet HTML 31Page - Cirrus Logic CS7808-CM Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
CS7808
28
568
R/W
SER/DCI
Serial_Clock_Synthesis_Parameters
56C
RO
SER/DCI
Codec_Register_Status
570
R/W
SER/DCI
Slot5_Register_Data
574
R/W
SER/DCI
Slot10_Register_Data
578
R/W
SER/DCI
Slot11_Register_Data
57C
R/W
SER/DCI
Slot12_Register_Data
580
R/W
SER/DCI
Out_fifo_int
584
R/W
SER/DCI
In_fifo_int
588
R/W
SER/DCI
Rate_Control
600
WO
DSP
DSP_Boot_Code_Start_Address
604
WO
DSP
DSP_Run_Enable
6XX
RO
DSP
DSP_Program_CntRun_Status
700
R/W
Synchronization Control
Audio_Sync_Control
704
R/W
Synchronization Control
Video_Sync_Control
708
RO
Synchronization Control
Video_Sync_Status
70C
R/W
Synchronization Control
Wait_Line
710
R/W
Synchronization Control
Frame_Period
714
R/W
Synchronization Control
STC_Interval
718
R/W
Synchronization Control
System_Time_Clock
71C
R/W
Synchronization Control
Top_Bits
720
R/W
Synchronization Control
Video_PTS_FIFO_Start_Address
724
R/W
Synchronization Control
Video_PTS_FIFO_End_Address
728
R/W
Synchronization Control
Video_PTS_FIFO_Write_Address
72C
RO
Synchronization Control
Video_PTS_FIFO_Read_Address
730
R/W
Synchronization Control
Subpicture_PTS_FIFO_Start_Address
734
R/W
Synchronization Control
Subpicture_PTS_FIFO_End_Address
738
R/W
Synchronization Control
Subpicture_PTS_FIFO_Write_Address
73C
RO
Synchronization Control
Subpicture_PTS_FIFO_Read_Address
740
R/W
Synchronization Control
Highlight_Start_PTS
744
R/W
Synchronization Control
Highlight_End_PTS
748
R/W
Synchronization Control
Button_End_PTS
74C
RW
Synchronization Control
Highlight_Control_Information_Address
750
R/W
Synchronization Control
Video_PTS
754
R/W
Synchronization Control
Audio_PTS
758
RO
Synchronization Control
Subpicture_PTS
75C
RO
Synchronization Control
Audio_Time
760
RO
Synchronization Control
Video_Sync_Debug
764
R/W
Synchronization Control
SP_DRC_VPTS_Debug
768
R/W
Synchronization Control
Frame_Count_Interrupt
76C
R/W
Synchronization Control
Video_DTS
Address
Type
Function
Register Name
Table 14. CS7808 Registers (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com