Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7808-CM Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS7808-CM
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808-CM Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS7808-CM Datasheet HTML 44Page - Cirrus Logic CS7808-CM Datasheet HTML 45Page - Cirrus Logic CS7808-CM Datasheet HTML 46Page - Cirrus Logic CS7808-CM Datasheet HTML 47Page - Cirrus Logic CS7808-CM Datasheet HTML 48Page - Cirrus Logic CS7808-CM Datasheet HTML 49Page - Cirrus Logic CS7808-CM Datasheet HTML 50Page - Cirrus Logic CS7808-CM Datasheet HTML 51Page - Cirrus Logic CS7808-CM Datasheet HTML 52Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
49
CS7808
6.11
Power and Ground
The CS7808 requires 3 different types of power supplies – PLLs, internal logic and IO pins -. The PLLs
and internal logic use 2.5 V power supply, The IO pins use 3.3 V power supply, and are 5 V input tolerant.
(See Table 26.)
Pin
Signal Name
Type
Description
1, 105, 158
VDD_PLL
I
2.5 V for internal PLLs
41, 66, 84, 108,
129, 141, 161,
178, 203
VDD_CORE
I
2.5 V for internal core logic
20, 38, 91, 131,
180
VDD_IO
I
3.3 V for I/O’s
104, 157, 208
VSS_PLL
I
Ground for internal PLLs
36, 63, 82, 103,
126, 138, 158,
176, 200
VSS_CORE
I
Ground for internal core logic
18, 35, 58, 96,
119, 143, 182
VSS_IO
I
Ground for I/Os
Table 26. Power and Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com