Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV331
Description  General Purpose, Low Voltage, TinyPack Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV331 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV331 Datasheet HTML 1Page - National Semiconductor (TI) LMV331 Datasheet HTML 2Page - National Semiconductor (TI) LMV331 Datasheet HTML 3Page - National Semiconductor (TI) LMV331 Datasheet HTML 4Page - National Semiconductor (TI) LMV331 Datasheet HTML 5Page - National Semiconductor (TI) LMV331 Datasheet HTML 6Page - National Semiconductor (TI) LMV331 Datasheet HTML 7Page - National Semiconductor (TI) LMV331 Datasheet HTML 8Page - National Semiconductor (TI) LMV331 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LMV331 Single / LMV393 Dual / LMV339 Quad
General Purpose, Low Voltage, TinyPack Comparators
General Description
The LMV393 and LMV339 are low voltage (2.7-5V) versions
of the dual and quad comparators, LM393/339, which are
specified at 5-30V. The LMV331 is the single version, which
is available in space saving SC70-5 and SOT23-5 packages.
SC70-5 is approximately half the size of SOT23-5.
The LMV393 is available in 8-pin SOIC and 8-pin MSOP. The
LMV339 is available in 14-pin SOIC and 14-pin TSSOP.
The LMV331/393/339 is the most cost-effective solution
where space, low voltage, low power and price are the pri-
mary specification in circuit design for portable consumer
products. They offer specifications that meet or exceed the
familiar LM393/339 at a fraction of the supply current.
The chips are built with National’s advanced Submicron
Silicon-Gate BiCMOS process. The LMV331/393/339 have
bipolar input and output stages for improved noise perfor-
mance.
Features
(For 5V Supply, Typical Unless Otherwise Noted)
n
Space Saving SC70-5 Package (2.0 x 2.1 x 1.0
mm)
n
Space Saving SOT23-5 Package (3.00 x 3.01 x
1.43 mm)
n
Guaranteed 2.7V and 5V Performance
n
Industrial Temperature Range
−40˚C to +85˚C
n
Low Supply Current
60µA/Channel
n
Input Common Mode Voltage Range Includes Ground
n
Low Output Saturation Voltage
200 mV
Applications
n Mobile Communications
n Notebooks and PDA’s
n Battery Powered Electronics
n General Purpose Portable Device
n General Purpose Low Voltage Applications
Connection Diagrams
5-Pin SC70-5/SOT23-5
DS100080-1
Top View
8-Pin SO/MSOP
DS100080-2
Top View
14-Pin SO/TSSOP
DS100080-3
Top View
August 1999
© 1999 National Semiconductor Corporation
DS100080
www.national.com


Similar Part No. - LMV331

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV331 TI-LMV331 Datasheet
534Kb / 17P
GENRAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
National Semiconductor ...
LMV331 NSC-LMV331 Datasheet
504Kb / 20P
General Purpose, Low Voltage, Tiny Pack Comparators
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331 Datasheet
479Kb / 12P
General-purpose low voltage comparator
10-Dec-2009
logo
ON Semiconductor
LMV331 ONSEMI-LMV331 Datasheet
916Kb / 21P
Single, Dual, Quad General Purpose, Low Voltage Comparators
October, 2009 ??Rev. 3
logo
Texas Instruments
LMV331 TI-LMV331 Datasheet
1Mb / 29P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
More results

Similar Description - LMV331

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV331 TI-LMV331_11 Datasheet
1Mb / 29P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI-LMV331-Q1 Datasheet
297Kb / 12P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
Maxim Integrated Produc...
MAX9647 MAXIM-MAX9647_12 Datasheet
2Mb / 11P
General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 1; 1/12
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331_11 Datasheet
610Kb / 17P
General-purpose low voltage comparators
12-Dec-2011
logo
Texas Instruments
LMV339IPWRG4 TI-LMV339IPWRG4 Datasheet
1Mb / 30P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV393QDR TI-LMV393QDR Datasheet
764Kb / 14P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI1-LMV331_14 Datasheet
1Mb / 31P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI1-LMV331-Q1_14 Datasheet
779Kb / 15P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI1-LMV331_15 Datasheet
1Mb / 39P
Quad General-purpose Low-voltage Comparators
LMV331-N TI1-LMV331-N_15 Datasheet
1Mb / 38P
General-Purpose, Low-Voltage, Tiny Pack Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com