Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV331
Description  General Purpose, Low Voltage, TinyPack Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV331 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMV331 Datasheet HTML 6Page - National Semiconductor (TI) LMV331 Datasheet HTML 7Page - National Semiconductor (TI) LMV331 Datasheet HTML 8Page - National Semiconductor (TI) LMV331 Datasheet HTML 9Page - National Semiconductor (TI) LMV331 Datasheet HTML 10Page - National Semiconductor (TI) LMV331 Datasheet HTML 11Page - National Semiconductor (TI) LMV331 Datasheet HTML 12Page - National Semiconductor (TI) LMV331 Datasheet HTML 13Page - National Semiconductor (TI) LMV331 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Application Circuits (Continued)
Pulse generator with variable duty cycle:
The pulse generator with variable duty cycle is just a minor
modification of the basic square wave generator. Providing a
separate charge and discharge path for capacitor C
1 gener-
ates a variable duty cycle. One path, through R
2 and D2 will
charge the capacitor and set the pulse width (t
1). The other
path, R
1 and D1 will discharge the capacitor and set the time
between pulses (t
2).
By varying resistor R
1, the time between pulses of the gen-
erator can be changed without changing the pulse width.
Similarly, by varying R
2, the pulse width will be altered with-
out affecting the time between pulses. Both controls will
change the frequency of the generator. The pulse width and
time between pulses can be found from:
Solving these equations for t
1 and t2
t
1 =R4C1ln2
t
2 =R5C1ln2
These terms will have a slight error due to the fact that V
max
is not exactly equal to 2/3 V
CC but is actually reduced by the
diode drop to:
Positive Peak Detector:
Positive peak detector is basically the comparator operated
as a unit gain follower with a large holding capacitor from the
output to ground. Additional transistor is added to the output
to provide a low impedance current source. When the output
of the comparator goes high, current is passed through the
transistor to charge up the capacitor. The only discharge
path will be the 1M ohm resistor shunting C1 and any load
that is connected to the output. The decay time can be al-
tered simply by changing the 1M ohm resistor. The output
should be used through a high impedance follower to a avoid
loading the output of the peak detector.
Negative Peak Detector:
For the negative detector, the output transistor of the com-
parator acts as a low impedance current sink. The only dis-
charge path will be the 1 M
Ω resistor and any load imped-
ance used. Decay time is changed by varying the 1 M
Ω
resistor
DS100080-9
FIGURE 7. Pulse Generator
DS100080-17
FIGURE 8. Positive Peak Detector
DS100080-18
FIGURE 9. Negative Peak Detector
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com