Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS35 Datasheet(PDF) 2 Page - IXYS Corporation

Part # DS35
Description  Rectifier Diode Avalanche Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DS35 Datasheet(HTML) 2 Page - IXYS Corporation

  DS35 Datasheet HTML 1Page - IXYS Corporation DS35 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2000 IXYS All rights reserved
2 - 2
23
4
5 6 7 8 9
110
2000
4000
6000
8000
1000
10000
10-3
10-2
10-1
100
0
100
200
300
400
500
600
700
800
900
1000
0.5
1.0
1.5
2.0
0
50
100
150
200
250
0
20406080
0
20
40
60
80
100
0
50
100
150
200
0
10-3
10-2
10-1
100
101
102
0.0
0.4
0.8
1.2
1.6
2.0
I
2t
I
FSM
I
F
A
V
F
t
s
t
ms
P
F
W
I
F(AV)M
A
T
amb
°C
t
s
Z
thJH
K/W
A
2s
0
40
80
120
160
200
0
10
20
30
40
50
60
I
F(AV)M
T
c
A
V
A
°C
R
thJH for various conduction angles d:
dR
thJH (K/W)
DC
1.25
180
°
1.37
120
°
1.47
60
°
1.74
30
°
2.08
Constants for Z
thJH calculation:
iR
thi (K/W)
t
i (s)
1
0.10
0.0012
2
0.25
0.1181
3
0.70
0.6540
4
0.20
2.0
DS
35
DSI
35
DSA 35
DSAI 35
Fig. 6 Transient thermal impedance junction to heatsink
Fig. 1 Forward characteristics
Fig. 2 Surge overload current
I
FSM: crest value, t: duration
Fig. 3 I2t versus time (1-10 ms)
Fig. 4 Power dissipation versus forward current and ambient temperature
Fig. 5 Max. forward current at case
temperature 180° sine
T
VJ = 180°C
T
VJ = 180°C
T
VJ = 45°C
V
R = 0 V
50Hz, 80% V
RRM
DC
180° sin
120°
60°
30°
typ.
lim.
T
VJ= 180°C
T
VJ=
25°C
T
VJ = 45°C
R
thJA :
1.5 K/W
1.9 K/W
2.3 K/W
3.9 K/W
ase



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com