Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS35 Datasheet(PDF) 1 Page - IXYS Corporation

Part # DS35
Description  Rectifier Diode Avalanche Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DS35 Datasheet(HTML) 1 Page - IXYS Corporation

  DS35 Datasheet HTML 1Page - IXYS Corporation DS35 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
V
RSM
V
(BR)minÿ
x V
RRM
Anode
Cathode
V
V
V
on stud
on stud
900
-
800
DS 35-08A
DSI 35-08A
1300
-
1200
DS 35-12A
DSI 35-12A
1300
1300
1200
DSA 35-12A
DSAI 35-12A
1700
1750
1600
DSA 35-16A
DSAI 35-16A
1900
1950
1800
DSA 35-18A
DSAI 35-18A
x Only for Avalanche Diodes
Symbol
Test Conditions
Maximum Ratings
I
F(RMS)
T
VJ
= T
VJM
80
A
I
F(AVM)
T
case = 100°C; 180° sine
49
A
P
RSM
DSA(I) types, T
VJ = TVJM, tp = 10 ms11
kW
I
FSM
T
VJ
= 45
°C;
t = 10 ms (50 Hz), sine
650
A
V
R
= 0
t = 8.3 ms (60 Hz), sine
690
A
T
VJ
= T
VJM
t = 10 ms (50 Hz), sine
600
A
V
R
= 0
t = 8.3 ms (60 Hz), sine
640
A
I2t
T
VJ
= 45
°C
t = 10 ms (50 Hz), sine
2100
A2s
V
R
= 0
t = 8.3 ms (60 Hz), sine
2000
A2s
T
VJ
= T
VJM
t = 10 ms (50 Hz), sine
1800
A2s
V
R
= 0
t = 8.3 ms (60 Hz), sine
1700
A2s
T
VJ
-40...+180
°C
T
VJM
180
°C
T
stg
-40...+180
°C
M
d
Mounting torque
4.5-5.5
Nm
40-49
lb.in.
Weight
15
g
V
RRM
= 800-1800 V
I
F(RMS) = 80 A
I
F(AV)M = 49 A
Features
q
International standard package,
JEDEC DO-203 AB (DO-5)
q
Planar glassivated chips
Applications
q
High power rectifiers
q
Field supply for DC motors
q
Power supplies
Advantages
q
Space and weight savings
q
Simple mounting
q
Improved temperature and power
cycling
q
Reduced protection circuits
Symbol
Test Conditions
Characteristic Values
I
R
T
VJ
= T
VJM; VR = VRRM
£
4mA
V
F
I
F
= 150 A; T
VJ = 25°C
£
1.55
V
V
T0
For power-loss calculations only
0.85
V
r
T
T
VJ
= T
VJM
4.5
m
W
R
thJC
DC current
1.05
K/W
R
thJH
DC current
1.25
K/W
d
S
Creepage distance on surface
4.05
mm
d
A
Strike distance through air
3.9
mm
a
Max. allowable acceleration
100
m/s2
Dimensions in mm (1 mm = 0.0394")
Data according to IEC 60747
IXYS reserves the right to change limits, test conditions and dimensions
DS
35
DSI
35
DSA 35
DSAI 35
Rectifier Diode
Avalanche Diode
A = Anode
C = Cathode
DO-203 AB
DS
DSI
DSA
DSAI
C
A
A
C
1/4-28UNF


Similar Part No. - DS35

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS35 LUMILEDS-DS35 Datasheet
308Kb / 12P
power light source Luxeon Dental
logo
SICK AG
DS35-B15221 SICK-DS35-B15221 Datasheet
1Mb / 8P
MID RANGE DISTANCE SENSORS
2016-03-19
DS35-B15521 SICK-DS35-B15521 Datasheet
1Mb / 8P
MID RANGE DISTANCE SENSORS
2016-03-19
DS35-B15821 SICK-DS35-B15821 Datasheet
1Mb / 8P
MID RANGE DISTANCE SENSORS
2016-03-19
logo
Bridgelux, Inc.
DS350 BRIDGELUX-DS350 Datasheet
1Mb / 23P
Tunable White Gen 2 9mm Array, 90 CRI and ThriveTM
05/2025
More results

Similar Description - DS35

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DS17 IXYS-DS17 Datasheet
37Kb / 2P
Rectifier Diode Avalanche Diode
DSA1-12D IXYS-DSA1-12D Datasheet
34Kb / 1P
Rectifier Diode Avalanche Diode
DSA2-12A IXYS-DSA2-12A Datasheet
35Kb / 2P
Rectifier Diode Avalanche Diode
DSA9-12F IXYS-DSA9-12F Datasheet
46Kb / 2P
Rectifier Diode Avalanche Diode
DSI75-08B IXYS-DSI75-08B Datasheet
41Kb / 2P
Rectifier Diode Avalanche Diode
logo
ABB
5SDA06D5007 ABB-5SDA06D5007 Datasheet
33Kb / 2P
Avalanche Rectifier Diode
5SDA09D2604 ABB-5SDA09D2604 Datasheet
33Kb / 2P
Avalanche Rectifier Diode
5SDA10D2303 ABB-5SDA10D2303 Datasheet
33Kb / 2P
Avalanche Rectifier Diode
logo
Green Power Solutions s...
GPDN4100 GPSEMI-GPDN4100 Datasheet
108Kb / 1P
AVALANCHE RECTIFIER DIODE
logo
New Jersey Semi-Conduct...
DSI17 NJSEMI-DSI17 Datasheet
469Kb / 1P
Rectifier Diode Avalanche Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com