Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1848 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1848
Description  Dual Temperature-Controlled NV Variable Resistor & Memory
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1848 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1848 Datasheet HTML 9Page - Dallas Semiconductor DS1848 Datasheet HTML 10Page - Dallas Semiconductor DS1848 Datasheet HTML 11Page - Dallas Semiconductor DS1848 Datasheet HTML 12Page - Dallas Semiconductor DS1848 Datasheet HTML 13Page - Dallas Semiconductor DS1848 Datasheet HTML 14Page - Dallas Semiconductor DS1848 Datasheet HTML 15Page - Dallas Semiconductor DS1848 Datasheet HTML 16Page - Dallas Semiconductor DS1848 Datasheet HTML 17Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DS1848
13 of 17
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +6.0V
Operating Temperature
-40°C to +95°C
Programming Temperature
0°C to +70°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
See J-STD-020A specification
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +95°C)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
Vcc
+3.0
5.5
V
1
Resistor Inputs
L0, L1,
H0, H1
GND-0.3
VCC+0.3
V
Resistor Current
IRESISTOR
DS1848-050
DS1848-010
-1
-3
1
3
mA
DC ELECTRICAL CHARACTERISTICS
(-40°C to +95°C; VCC = 3.0V to 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS NOTES
Supply Current
ICC
0.5
1
mA
2
Input Leakage
(digital inputs)
IL
-1
+1
mA
Input Leakage (H0,
H1, L0, and L1)
IL
-100
+100
nA
Input Logic 1
VIH
0.7VCC
VCC+0.3
V
15
Input Logic 0
VIL
GND-0.3
0.3VCC
V
Input Current each
I/O pin
0.4<VI/O<0.9VCC
-10
+10
mA
13
VOL1
3mA sink current
0.0
0.4
V
Low Level Output
Voltage (SDA)
VOL2
6mA sink current
0.0
0.6
V
I/O Capacitance
CI/O
10
pF
WP Internal Pull Up
Resistance, Rwp
Rwp
40
65
100
k
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com