Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1848 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1848
Description  Dual Temperature-Controlled NV Variable Resistor & Memory
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1848 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1848 Datasheet HTML 1Page - Dallas Semiconductor DS1848 Datasheet HTML 2Page - Dallas Semiconductor DS1848 Datasheet HTML 3Page - Dallas Semiconductor DS1848 Datasheet HTML 4Page - Dallas Semiconductor DS1848 Datasheet HTML 5Page - Dallas Semiconductor DS1848 Datasheet HTML 6Page - Dallas Semiconductor DS1848 Datasheet HTML 7Page - Dallas Semiconductor DS1848 Datasheet HTML 8Page - Dallas Semiconductor DS1848 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DS1848
2 of 17
PIN DESCRIPTIONS
Name TSSOP BGA
Description
VCC
14
A3
Power Supply Terminal. The DS1848 will support supply
voltages ranging from +3.0V to +5.5V.
GND
7
D1
Ground Terminal.
SDA
1
B2
2-Wire Serial Data Interface. The serial data pin is for serial data
transfer to and from the DS1848. The pin is open drain and may
be wire-ORed with other open drain or open collector interfaces.
SCL
2
A2
2-Wire Serial Clock Input. The serial clock input is used to
clock data into the DS1848 on rising edges and clock data out on
falling edges.
WP
6
C1
Write Protect Input. If open or set to logic 1, all memory, control
registers, and Look-up tables are write protected. If set to a logic 0, the
device is not write protected and can be written to. The WP pin is pulled
high internally.
A0
3
A1
Address Input. Pins A0, A1, and A2 are used to specify the
address of each DS1848 when used in a multi-dropped
configuration.
A1
4
B1
Address Input.
A2
5
C2
Address Input.
H0
13
A4
High terminal of Resistor 0. For both resistors, it is
not required that the high terminal be connected to a potential
greater than the low terminal. Voltage applied to the high terminal
of each resistor cannot exceed VCC, or go below ground.
H1
11
B3
High terminal of Resistor 1.
L0
8
D3
Low terminal of Resistor 0. For both resistors, it is
not required that the low terminal be connected to a potential less
than the high terminal. Voltage applied to the low terminal of each
resistor cannot exceed VCC, or go below ground.
L1
10
C4
Low terminal of Resistor 1.
NC
9
D4
No Connect.
NC
12
B4
No Connect.
NC
C3
No Connect.
NC
D2
No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com