Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMW21 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMW21
Description  Luminous intensity categorized
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW21 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMW21 Datasheet HTML 1Page - Vishay Siliconix VLMW21 Datasheet HTML 2Page - Vishay Siliconix VLMW21 Datasheet HTML 3Page - Vishay Siliconix VLMW21 Datasheet HTML 4Page - Vishay Siliconix VLMW21 Datasheet HTML 5Page - Vishay Siliconix VLMW21 Datasheet HTML 6Page - Vishay Siliconix VLMW21 Datasheet HTML 7Page - Vishay Siliconix VLMW21 Datasheet HTML 8Page - Vishay Siliconix VLMW21 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number 81243
Rev. 1.4, 09-Feb-10
Vishay Semiconductors
VLMW21..
For technical support, please contact: LED@vishay.com
Note:
1) Driving the LED in reverse direction is suitable for short term application
Note:
Luminous intensity is tested at a current pulse duration of 25 ms and
an accuracy of ± 11 %.
The above type Numbers represent the order groups which include
only a few brightness groups. Only one group will be shipped on
each reel (there will be no mixing of two groups on each reel). In
order to ensure availability, single brightness groups will not be
orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped on
any one reel.
In order to ensure availability, single wavelength groups will not be
orderable.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) VLMW21..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage 1)
VR
5V
DC Forward current
Tamb ≤ 60 °C
IF
20
mA
Surge forward current
tp ≤ 10 µs
IFSM
0.1
A
Power dissipation
PV
80
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Thermal resistance junction/
ambient
Mounted on PC board
(pad size > 16 mm2)
RthJA
480
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMW21.., WHITE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 10 mA
VLMW2100-5K8L-08
IV
56
80
mcd
VLMW21N2R2-5K8L-08
IV
35.5
180
mcd
VLMW21P1Q2-5K8L-08
IV
45
112
mcd
VLMW21Q1R2-5K8L-08
IV
71
180
mcd
Chromaticity coordinate x acc.
to CIE 1931
IF = 10 mA
x
0.33
Chromaticity coordinate y acc.
to CIE 1931
IF = 10 mA
y
0.33
Angle of half intensity
IF = 10 mA
ϕ
± 60
deg
Forward voltage
IF = 10 mA
VF
33.7
V
Reverse voltage
IR = 10 µA
VR
5V
Temperature coefficient of VF
IF = 20 mA
TCVF
- 3.6
mV/K
Temperature coefficient of IV
IF = 20 mA
TCIV
- 0.3
%/K
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
OPTIONAL
MIN.
MAX.
N
2
35.5
45
P
1
45
56
2
56
71
Q
1
71
90
2
90
112
R
1
112
140
2
140
180
S
1
180
224
2
224
280
CROSSING TABLE
VISHAY
OSRAM
VLMW2100-5K8L-08
LWM673-5K8L
VLMW21N2R2-5K8L-08
LWM673-N2R2-5K8L
VLMW21P1Q2-5K8L-08
LWM673-P1Q2-5K8L
VLMW21Q1R2-5K8L-08
LWM673-Q1R2-5K8L



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com