Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMW21 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMW21
Description  Luminous intensity categorized
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW21 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMW21 Datasheet HTML 1Page - Vishay Siliconix VLMW21 Datasheet HTML 2Page - Vishay Siliconix VLMW21 Datasheet HTML 3Page - Vishay Siliconix VLMW21 Datasheet HTML 4Page - Vishay Siliconix VLMW21 Datasheet HTML 5Page - Vishay Siliconix VLMW21 Datasheet HTML 6Page - Vishay Siliconix VLMW21 Datasheet HTML 7Page - Vishay Siliconix VLMW21 Datasheet HTML 8Page - Vishay Siliconix VLMW21 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number 81243
Rev. 1.4, 09-Feb-10
www.vishay.com
3
Vishay Semiconductors
VLMW21..
For technical support, please contact: LED@vishay.com
Note:
Chromaticity coordinate groups are tested at a current pulse duration of 25 ms and a tolerance of ± 0.01
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
CHROMATICITY COORDINATED GROUPS FOR WHITE SMD LED
X
Y
X
Y
5L
0.291
0.268
7L
0.330
0.330
0.285
0.279
0.330
0.347
0.307
0.312
0.347
0.371
0.310
0.297
0.345
0.352
5K
0.296
0.259
7K
0.330
0.310
0.291
0.268
0.330
0.330
0.310
0.297
0.338
0.342
0.313
0.284
0.352
0.344
6L
0.310
0.297
8L
0.345
0.352
0.307
0.312
0.347
0.371
0.330
0.347
0.367
0.401
0.330
0.330
0.364
0.380
6K
0.313
0.284
8K
0.352
0.344
0.310
0.297
0.338
0.342
0.330
0.330
0.364
0.380
0.330
0.310
0.360
0.357
Figure 1. Forward Current vs. Ambient Temperature
0
5
10
15
20
25
19398_1
Tamb - Ambient Temperature (°C)
020
40
60
80
100
Figure 2. Relative Luminous Intensity vs. Forward Current
0.01
0.1
1
10
1
10
100
IF - Forward Current ( mA )
20033



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com