Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLPC0101C6 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLPC0101C6
Description  High Brightness LED Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLPC0101C6 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLPC0101C6 Datasheet HTML 1Page - Vishay Siliconix VLPC0101C6 Datasheet HTML 2Page - Vishay Siliconix VLPC0101C6 Datasheet HTML 3Page - Vishay Siliconix VLPC0101C6 Datasheet HTML 4Page - Vishay Siliconix VLPC0101C6 Datasheet HTML 5Page - Vishay Siliconix VLPC0101C6 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VLPC0101C6, VLPN0101C6, VLPW0101C6
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 27-Sep-13
2
Document Number: 84152
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.1 V. Luminous flux is measured at a current pulse
duration of 25 ms and an accuracy of ± 11 %.
•CRI: 80
Notes
• Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.1 V. Luminous flux is measured at a current pulse
duration of 25 ms and an accuracy of ± 11 %.
•CRI: 80
Notes
• Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.1 V. Luminous flux is measured at a current pulse
duration of 25 ms and an accuracy of ± 11 %.
•CRI: 80
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLPC0101C6, COOL WHITE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous flux
IF = 700 mA
ΦV
390
430
-
lm
IF = 1000 mA
ΦV
-
570
-
lm
IF = 1400 mA
ΦV
-
700
-
lm
Color temperature
IF = 700 mA
CCT
5000
5700
6650
K
Chromaticity coordinates
IF = 700 mA
x
-
0.3287
-
IF = 700 mA
y
-
0.3417
-
Full angle of half intensity
IF = 700 mA
2
φ½
-
130
-
°
Forward voltage
IF = 700 mA
VF
6.0
6.5
6.8
V
Temperature coefficient of VF
IF = 700 mA
TCVF
-2.0
-
mV/K
Temperature coefficient of
ΦV
IF = 700 mA
TC
ΦV
-
0.21
-
%/K
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLPN0101C6, NATURAL WHITE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous flux
IF = 700 mA
ΦV
330
410
-
lm
IF = 1000 mA
ΦV
-
560
-
lm
IF = 1400 mA
ΦV
-
680
-
lm
Color temperature
IF = 700 mA
CCT
3710
4000
4260
K
Chromaticity coordinates
IF = 700 mA
x
-
0.3818
-
IF = 700 mA
y
-
0.3797
-
Full angle of half intensity
IF = 700 mA
2
φ½
-
130
-
°
Forward voltage
IF = 700 mA
VF
6.0
6.5
6.8
V
Temperature coefficient of VF
IF = 700 mA
TCVF
-2.0
-
mV/K
Temperature coefficient of
ΦV
IF = 700 mA
TC
ΦV
-
0.21
-
%/K
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLPW0101C6, WARM WHITE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous flux
IF = 700 mA
ΦV
290
320
-
lm
IF = 1000 mA
ΦV
-
400
-
lm
IF = 1400 mA
ΦV
-
480
-
lm
Color temperature
IF = 700 mA
CCT
2670
2870
3120
K
Chromaticity coordinates
IF = 700 mA
x
-
0.4450
-
IF = 700 mA
y
-
0.4060
-
Full angle of half intensity
IF = 700 mA
2
φ½
-
130
-
°
Forward voltage
IF = 700 mA
VF
6.0
6.5
6.8
V
Temperature coefficient of VF
IF = 700 mA
TCVF
-2.0
-
mV/K
Temperature coefficient of
ΦV
IF = 700 mA
TC
ΦV
-
0.21
-
%/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com