Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLPC0101C6 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLPC0101C6
Description  High Brightness LED Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLPC0101C6 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLPC0101C6 Datasheet HTML 1Page - Vishay Siliconix VLPC0101C6 Datasheet HTML 2Page - Vishay Siliconix VLPC0101C6 Datasheet HTML 3Page - Vishay Siliconix VLPC0101C6 Datasheet HTML 4Page - Vishay Siliconix VLPC0101C6 Datasheet HTML 5Page - Vishay Siliconix VLPC0101C6 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VLPC0101C6, VLPN0101C6, VLPW0101C6
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 27-Sep-13
3
Document Number: 84152
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Relative Spectrale Emission
Fig. 2 - Relative Intensity vs. Angular Displacement
Fig. 3 - Relative Luminous Flux vs. Junction Temperature
(IF = 3200 mA)
PACKAGE DIMENSIONS in millimeters
BAR CODE PRODUCT LABEL
A. Type of component
B. Manufacturing plant
C. SEL - selection code (bin):
X = color group
D. Batch:
200707 = year 2007, week 07
PH19
= plant code
E. Total quantity
Note
• Delivery on reel Ø 330 mm, 1500 pieces per reel
COLOR BINNING (IF at 700 mA)
PART
BIN CODE
CCT (K)
VLPC0101C6
1B
6020 to 6530
2A
5665 to 6020
2B
5310 to 5665
3A
5028 to 5310
VLPN0101C6
5A
3985 to 4260
5B
3710 to 3985
VLPW0101C6
7B
2870 to 3045
8A
2725 to 2870
0.4
0.2
0
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0
100
25
50
75
100
125
150
Tj - Junction Temperature (°C)
80
60
40
20
90
70
50
30
10
1.2
2
16.6
Technical drawings
according to DIN
specification.
Drawing-No.: 9.920-6807.02-4
Issue: 2; 20.11.2012
Drawing refers to following types: VLP.0101C6
Not indicated tolerances ± 0.2
VI
SH
AY
VLP
.01
01C
6
Ser
ial n
o.
xxx
x
Se
l. X
xx
x
UL
XX
X-
XX
1
2
3
4
5
6
7
8
1
2
+
5
-
6
A
C
B
D
E
20613



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com