Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C93 Datasheet(PDF) 5 Page - SMSC Corporation

Part # FDC37C93
Description  Plug and Play Compatible Ultra I/O??Controller with Soft Power Management
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C93 Datasheet(HTML) 5 Page - SMSC Corporation

  FDC37C93 Datasheet HTML 1Page - SMSC Corporation FDC37C93 Datasheet HTML 2Page - SMSC Corporation FDC37C93 Datasheet HTML 3Page - SMSC Corporation FDC37C93 Datasheet HTML 4Page - SMSC Corporation FDC37C93 Datasheet HTML 5Page - SMSC Corporation FDC37C93 Datasheet HTML 6Page - SMSC Corporation FDC37C93 Datasheet HTML 7Page - SMSC Corporation FDC37C93 Datasheet HTML 8Page - SMSC Corporation FDC37C93 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 280 page
background image
5
PIN CONFIGURATION
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
nROMDIR
nROMCS
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
GP25
GP24
GP23
GP22
GP21
GP20
GP17
GP16
GP15
VCC
GP14
GP13
GP12
GP11
GP10
GND
MCLK
MDAT
KCLK
KDAT
IOCHRDY
TC
DRQ3
nDACK3
DRQ2
nDACK2
DRQ1
nDACK1
DRQ0
nDACK0
GND
DRVDEN0
DRVDEN1
nMTR0
nDS1
nDS0
nMTR1
GND
nDIR
nSTEP
nWDATA
nWGATE
nHDSEL
nINDEX
nTRK0
nWRTPRT
nRDATA
nDSKCHG
MEDIA_ID1
mEDIA_ID0
VCC
CLOCKI
nIDE1_OE
nHDCS0
nHDCS1
IDE1_IRQ
nHDCS2/SA13
nHDCS3/SA14
IDE2_IRQ/SA15
nIOROP
nIOWOP
VTR
nPOWER ON
BUTTON_IN
HCLK
16CLK
CLK01
CLK02
CLK03
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
FDC37C93xAPM
160 Pin QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com