Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C93 Datasheet(PDF) 98 Page - SMSC Corporation

Part # FDC37C93
Description  Plug and Play Compatible Ultra I/O??Controller with Soft Power Management
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C93 Datasheet(HTML) 98 Page - SMSC Corporation

Back Button FDC37C93 Datasheet HTML 94Page - SMSC Corporation FDC37C93 Datasheet HTML 95Page - SMSC Corporation FDC37C93 Datasheet HTML 96Page - SMSC Corporation FDC37C93 Datasheet HTML 97Page - SMSC Corporation FDC37C93 Datasheet HTML 98Page - SMSC Corporation FDC37C93 Datasheet HTML 99Page - SMSC Corporation FDC37C93 Datasheet HTML 100Page - SMSC Corporation FDC37C93 Datasheet HTML 101Page - SMSC Corporation FDC37C93 Datasheet HTML 102Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 280 page
background image
98
Register Definitions
The register definitions are based on the
standard IBM addresses for LPT.
All of the
standard printer ports are supported.
The
additional registers attach to an upper bit
decode
of the
standard LPT port definition
to avoid conflict with standard ISA devices. The
port is equivalent to a generic parallel port
interface and may be operated in that mode.
The port registers vary depending on the mode
field in the ecr. The table below lists these
dependencies. Operation of the devices in
modes other that those specified is undefined.
Table 39 - ECP Register Definitions
NAME
ADDRESS (Note 1)
ECP MODES
FUNCTION
data
+000h R/W
000-001
Data Register
ecpAFifo
+000h R/W
011
ECP FIFO (Address)
dsr
+001h R/W
All
Status Register
dcr
+002h R/W
All
Control Register
cFifo
+400h R/W
010
Parallel Port Data FIFO
ecpDFifo
+400h R/W
011
ECP FIFO (DATA)
tFifo
+400h R/W
110
Test FIFO
cnfgA
+400h R
111
Configuration Register A
cnfgB
+401h R/W
111
Configuration Register B
ecr
+402h R/W
All
Extended Control Register
Note 1: These addresses are added to the parallel port base address as selected by configuration
register or jumpers.
Note 2: All addresses are qualified with AEN. Refer to the AEN pin definition.
Table 40 - Mode Descriptions
MODE
DESCRIPTION*
000
SPP mode
001
PS/2 Parallel Port mde
010
Parallel Port Data FIFO mode
011
ECP Parallel Port mode
100
EPP mode (If this option is enabled in the configuration registers)
101
(Reserved)
110
Test mode
111
Configuration mode
*Refer to ECR Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com