Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9015ACTJ Datasheet(PDF) 3 Page - Gennum Corporation

Part # GS9015ACTJ
Description  Serial Digital Reclocker
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9015ACTJ Datasheet(HTML) 3 Page - Gennum Corporation

  GS9015ACTJ Datasheet HTML 1Page - Gennum Corporation GS9015ACTJ Datasheet HTML 2Page - Gennum Corporation GS9015ACTJ Datasheet HTML 3Page - Gennum Corporation GS9015ACTJ Datasheet HTML 4Page - Gennum Corporation GS9015ACTJ Datasheet HTML 5Page - Gennum Corporation GS9015ACTJ Datasheet HTML 6Page - Gennum Corporation GS9015ACTJ Datasheet HTML 7Page - Gennum Corporation GS9015ACTJ Datasheet HTML 8Page - Gennum Corporation GS9015ACTJ Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
520 - 99 - 05
The GS9015A Reclocking Receiver is a bipolar integrated
circuit containing circuitry necessary to re-clock and regenerate
the NRZI serial data stream.
Packaged in a 28 pin PLCC, the receiver operates from a
single five volt supply at data rates to 400 Mb/s. Typical power
consumption is 330 mW. Typical output jitter is
±100 ps at
270 Mb/s.
Serial Digital signals are applied to digital inputs DDI and DDI
(pins 5,6).
tD
SERIAL
DATA OUT
(SD0)
50%
SERIAL
CLOCK OUT
(SCK)
tD
50%
Phase Locked Loop
The phase comparator itself compares the position of
transitions in the incoming signal with the phase of the local
oscillator (VCO). The error-correcting output signals are fed
to the charge pump in the form of short pulses. The charge
pump converts these pulses into a “charge packet” which is
accurately proportional to the system phase error.
The charge packet is then integrated by the second-order
loop filter to produce a control voltage for the VCO.
During periods when there are no transitions in the signal, the
loop filter voltage is required to hold precisely at its last value
so that the VCO does not drift significantly between corrections.
Commutating diodes in the charge pump keep the output
leakage current extremely low, minimizing VCO frequency
drift.
The VCO is implemented using a current-controlled
multivibrator, designed to deliver good stability, low phase
noise and wide operating frequency capability. The frequency
range is design-limited to
±10% about the oscillator centre
frequency.
Fig.1 Waveforms
VCO Centre Frequency Selection
The centre frequency of the VCO is set by one of four external
current reference resistors (RVCO0-RVCO3) connected to
pins 13,14,15 or 17. These are selected by two logic inputs
SS0 and SS1 (pins 20, 21) through a 2:4 decoder according
to the following truth table.
SS1
SS0
Resistor Selected
0
0
RVCO0 (13)
0
1
RVCO1 (14)
1
0
RVCO2 (15)
1
1
RVCO3 (17)
As an alternative, the GS9010A Automatic Tuning Sub-system
and the GS9000B or GS9000S Decoder may be used in
conjunction with the GS9015A to obtain adjustment free and
automatic standard select operation (see Figure17).
With the VCO operating at twice the clock frequency, a clock
phase which is centred on the eye of the locked signal is used
to latch the incoming data, thus maximising immunity to
jitter-induced errors. The alternate phase is used to latch the
output re-clocked data SDO and SDO (pins 25, 24). The true
and inverse clock signals themselves are available from the
SCO and SCO pins 23 and 22.
GS9015A Reclocking Receiver - Detailed Device Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com