Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9015ACTJ Datasheet(PDF) 4 Page - Gennum Corporation

Part # GS9015ACTJ
Description  Serial Digital Reclocker
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9015ACTJ Datasheet(HTML) 4 Page - Gennum Corporation

  GS9015ACTJ Datasheet HTML 1Page - Gennum Corporation GS9015ACTJ Datasheet HTML 2Page - Gennum Corporation GS9015ACTJ Datasheet HTML 3Page - Gennum Corporation GS9015ACTJ Datasheet HTML 4Page - Gennum Corporation GS9015ACTJ Datasheet HTML 5Page - Gennum Corporation GS9015ACTJ Datasheet HTML 6Page - Gennum Corporation GS9015ACTJ Datasheet HTML 7Page - Gennum Corporation GS9015ACTJ Datasheet HTML 8Page - Gennum Corporation GS9015ACTJ Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
520 - 99 - 05
GS9015A PIN DESCRIPTIONS
PIN NO.
SYMBOL
TYPE
DESCRIPTION
1VEE1
Power Supply. Most negative power supply connection.
2VEE1
Power Supply. Most negative power supply connection.
3VEE1
Power Supply. Most negative power supply connection.
4VEE1
Power Supply. Most negative power supply connection.
5,6
DDI/DDI
Input
Direct Data Inputs (true and inverse). Pseudo-ECL, differential serial data inputs. They may be
directly driven from true ECL drivers when VEE = -5V and VCC = 0 V.
7VCC1
Power Supply. Most positive power supply connection. (Phase Detector, Carrier Detect).
8, 9
VEE1
Power Supply. Most negative power supply connection.
10
ƒ/2 EN
Input
ƒ/2 Enable-TTL compatible input used to enable the divide by 2 function.
11
VEE3
Power Supply. Most negative power supply connection. (VCO, MUX, Standard Select)
12
LOOP FILT
Loop Filter. Node for connecting the loop filter components.
13
RVCO0
Input
VCO Resistor 0. Analog current input used to set the centre frequency of the VCO when the two
Standard Select bits (pins 20 and 21) are set LOW. A resistor is connected from this pin to VEE.
14
RVCO1
Input
VCO Resistor 1. Analog current input used to set the centre frequency of the VCO when Standard
Select bit 0 (pin 20) is set HIGH and bit 1 (pin 21) is set LOW. A resistor is connected from this pin to VEE.
15
RVCO2
Input
VCO Resistor 2. Analog current input used to set the centre frequency of the VCO when Standard
Select bit 0 (pin 20) is set LOW and bit 1 (pin 21) is set HIGH. A resistor is connected from this pin to VEE.
16
VEE3
Power Supply. Most negative power supply connection.
17
R
VCO3
Input
VCO Resistor 3. Analog current input used to set the centre frequency of the VCO when the two
Standard Select bits (pins 20 and 21) are set HIGH. A resistor is connected from this pin to V
EE
.
Fig. 2 GS9015A Pin Connections
SD0
SD0
SC0
SC0
SS1
SS0
CD
DDI
DDI
VCC1
VEE1
VEE1
VEE1
VEE1
VEE1 VEE1 VEE1 VEE2 VCC3
GS9015A
TOP VIEW
LOOP RVCO0 RVCO1 RVCO2 VEE3
RVCO3 VCC2
FILT
25
24
23
22
21
20
19
5
6
7
8
9
10
11
12
13
14
15
16
17
18
4
3
2
28
27
26
ƒ/2 EN
VEE3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com