Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV751 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV751
Description  Low Noise, Low Vos, Single Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV751 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV751 Datasheet HTML 1Page - National Semiconductor (TI) LMV751 Datasheet HTML 2Page - National Semiconductor (TI) LMV751 Datasheet HTML 3Page - National Semiconductor (TI) LMV751 Datasheet HTML 4Page - National Semiconductor (TI) LMV751 Datasheet HTML 5Page - National Semiconductor (TI) LMV751 Datasheet HTML 6Page - National Semiconductor (TI) LMV751 Datasheet HTML 7Page - National Semiconductor (TI) LMV751 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5.0V Electrical Characteristics
V
+ = 5.0V, V− = 0V, V
CM = 2.5V, TA = 25˚C unless otherwise stated.Boldface limits apply over theTemperature Range.
Symbol
Parameter
Typ
(Note 5)
Limit
(Note 2)
Units
V
OS
Input Offset Voltage
0.05
1.0
1.5
mV
max
CMRR
Common Mode Rejection Ratio
0V < V
CM < 3.6V
103
85
70
dB
min
PSRR
Power Supply Rejection Ratio
V
+ = 2.7V to 5.0V
107
85
70
dB
min
I
S
Supply Current
0.6
0.8
0.85
mA
max
I
IN
Input Current
1.5
100
pA
max
I
OS
Input offset Current
0.2
pA
A
VOL
Voltage Gain
R
L = 10k Connect to V
+/2
V
O = 0.2V to 4.5V
120
110
95
db
min
R
L = 2k Connect to V
+/2
V
O = 0.2V to 4.5V
120
100
85
V
O
Positive Voltage Swing
R
L = 10k Connect to V
+/2
4.89
4.82
4.80
V
min
R
L = 2k Connect to V
+/2
4.89
4.82
4.80
V
O
Negative Voltage Swing
R
L = 10k Connect to V
+/2
86
160
180
mV
max
R
L = 2k Connect to V
+/2
86
160
180
I
O
Output Current
Sourcing, V
O = 0V
V
IN (diff) = ±0.5V
15
8.0
2.5
mA
min
Sinking, V
O = 5V
V
IN (diff) = ±0.5V
20
8.0
2.5
e
n
(10Hz)
Input Referred Voltage Noise
15
nV/
e
n
(1kHz)
Input Referred Voltage Noise
6.5
nV/
e
n
(30kHz)
Input Referred Voltage Noise
6.5
10
nV/
max
I
N (1kHz)
Input Referred Current Noise
0.01
pA/
GBW
Gain-Bandwidth Product
5
2
MHz
min
SR
Slew Rate
2.3
V/µs
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when operating the device
beyond its rated operating conditions.
Note 2: All limits are guaranteed by testing or statistical analysis
Note 3: Human body model, 1.5k
Ω in series with 100pF. Machine model, 200Ω in series with 1000pF.
Note 4: The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(max) - TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 5: Typical values represent the most likely parametric norm.
Note 6: All numbers are typical, and apply to packages soldered directly onto PC board in still air.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com