Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV751 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV751
Description  Low Noise, Low Vos, Single Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV751 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV751 Datasheet HTML 1Page - National Semiconductor (TI) LMV751 Datasheet HTML 2Page - National Semiconductor (TI) LMV751 Datasheet HTML 3Page - National Semiconductor (TI) LMV751 Datasheet HTML 4Page - National Semiconductor (TI) LMV751 Datasheet HTML 5Page - National Semiconductor (TI) LMV751 Datasheet HTML 6Page - National Semiconductor (TI) LMV751 Datasheet HTML 7Page - National Semiconductor (TI) LMV751 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD tolerance (Note 3)
Human Body Model
2000V
Machine Model
200V
Differential Input Voltage
±Supply Voltage
Supply Voltage (V
+ -V−)
5.5V
Lead Temperature (Soldering, 10 sec)
260˚C
Storage Temperature Range
−65˚C to 150˚C
Junction Temperature (T
J) (Note 4)
150˚C
Recommended Operating
Conditions
Supply Voltage
2.7V to 5.0V
Temperature Range
−40˚C
≤ T
J ≤ 85˚C
Thermal resisance (
θ
JA) (Note 6)
M5 Package, SOT23-5
274˚C/W
2.7V Electrical Characteristics
V
+ = 2.7V, V− = 0V, V
CM = 1.35V, TA = 25˚C unless otherwise stated. Boldface limits apply over theTemperature Range.
Symbol
Parameter
Condition
Typ
(Note 5)
Limit
(Note 2)
Units
V
OS
Input Offset Voltage
0.05
1.0
1.5
mV
max
CMRR
Common Mode Rejection Ratio
0V < V
CM < 1.3V
100
85
70
dB
min
PSRR
Power Supply Rejection Ratio
V
+ =2.7V to 5.0V
107
85
70
dB
min
I
S
Supply Current
0.5
0.7
0.75
mA
max
I
IN
Input Current
1.5
100
pA
max
I
OS
Input Offset Current
0.2
pA
A
VOL
Voltage Gain
R
L = 10k Connect to V
+/2
V
O = 0.2V to 2.2V
120
110
95
dB
min
R
L = 2k Connect to V
+/2
V
O = 0.2V to 2.2V
120
100
85
V
O
Positive Voltage Swing
R
L = 10k Connect to V
+/2
2.62
2.54
2.52
V
min
R
L = 2k Connect to V
+/2
2.62
2.54
2.52
V
O
NegativeVoltage Swing
R
L = 10k Connect to V
+/2
78
140
160
mV
max
R
L = 2k Connect to V
+/2
78
140
160
I
O
Output Current
Sourcing, V
O = 0V
V
IN(diff) = ±0.5V
12
6.0
1.5
mA
min
Sinking,V
O = 2.7V
V
IN(diff) = ±0.5V
11
6.0
1.5
e
n
(10Hz)
Input Referred Voltage Noise
15.5
nV/
e
n
(1kHz)
Input Referred Voltage Noise
7
nV/
e
n
(30kHz)
Input Referred Voltage Noise
7
10
nV/
max
I
N(1kHz)
Input Referred Current Noise
0.01
pA/
GBW
Gain-Bandwidth Product
4.5
2
MHZ
min
SR
Slew Rate
2
V/µs
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com