Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROF-78E5.0-0.5SMD-R Datasheet(PDF) 2 Page - Recom International Power

Part # ROF-78E5.0-0.5SMD-R
Description  Low Profile 4.0mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

ROF-78E5.0-0.5SMD-R Datasheet(HTML) 2 Page - Recom International Power

  ROF-78E5.0-0.5SMD-R Datasheet HTML 1Page - Recom International Power ROF-78E5.0-0.5SMD-R Datasheet HTML 2Page - Recom International Power ROF-78E5.0-0.5SMD-R Datasheet HTML 3Page - Recom International Power ROF-78E5.0-0.5SMD-R Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristics
Applications
INNOLINE
DC/DC-Converter
ROF-78Exx-0.5SMD
Series
ROF-78E3.3-0.5SMD
ROF-78E3.3-0.5SMD
Efficiency
Ripple
Standard Application Circuit
ROF-78E5.0-0.5SMD
ROF-78E5.0-0.5SMD
100
40
0
Load (%)
36V
24V
12V
5V
50
60
80
0
10
20
30
40
60
70
80
90
20
100
100
Load (%)
50
40
30
20
10
60
70
80
90
20
40
60
80
100
0
0
9V
12V
24V
36V
100
40
0
Load (%)
36V
24V
12V
5V
50
60
80
0
10
20
30
40
60
70
80
90
20
100
100
Load (%)
50
40
30
20
10
60
70
80
90
20
40
60
80
100
0
0
9V
12V
24V
36V
+Vo
GND
+Vin
GND
ROF-78Exx-
0.5SMD
Enable Pin
I-38
www.recom-power.com
REV: 2/2015



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com