Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROF-78E5.0-0.5SMD-R Datasheet(PDF) 4 Page - Recom International Power

Part # ROF-78E5.0-0.5SMD-R
Description  Low Profile 4.0mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

ROF-78E5.0-0.5SMD-R Datasheet(HTML) 4 Page - Recom International Power

  ROF-78E5.0-0.5SMD-R Datasheet HTML 1Page - Recom International Power ROF-78E5.0-0.5SMD-R Datasheet HTML 2Page - Recom International Power ROF-78E5.0-0.5SMD-R Datasheet HTML 3Page - Recom International Power ROF-78E5.0-0.5SMD-R Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Package Style and Pinning (mm)
2
1
4
3
12.50
2.00
2.00
0.25
0.25
2.50
2.50
1.00
3.0
TOP VIEW
BOTTOM VIEW
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Out
1
+Vin
2
GND
3
+Vout
4EN
ROF-78EXX-
0.5SMD
+Vo
GND
C2 = 1uF
C1 = 1uF
+Vin
GND
Ls = 33uH
Applications
INNOLINE
DC/DC-Converter
ROF-78Exx-0.5SMD
Series
Conduction / Radiation Emission Filter Suggestion
Suggestion for conduction Emission Class A, meet radiation emission Class B
ROF-78EXX-0.5SMD
Surface Mount Package
The capacitors used are ceramic capacitors, rated voltage 50V
I-40
www.recom-power.com
REV: 2/2015
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com