Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV821 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV821
Description  Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV821 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMV821 Datasheet HTML 1Page - National Semiconductor (TI) LMV821 Datasheet HTML 2Page - National Semiconductor (TI) LMV821 Datasheet HTML 3Page - National Semiconductor (TI) LMV821 Datasheet HTML 4Page - National Semiconductor (TI) LMV821 Datasheet HTML 5Page - National Semiconductor (TI) LMV821 Datasheet HTML 6Page - National Semiconductor (TI) LMV821 Datasheet HTML 7Page - National Semiconductor (TI) LMV821 Datasheet HTML 8Page - National Semiconductor (TI) LMV821 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2.7V AC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 2.7V, V − = 0V, V
CM = 1.0V, VO = 1.35V and R L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LMV821/822/824 Limit
(Note 6)
Units
i
n
Input-Referred Current Noise
f = 1 kHz
0.1
THD
Total Harmonic Distortion
f = 1 kHz, A
V = −2,
R
L =10kΩ,VO = 4.1 VPP
0.01
%
5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 5V, V − = 0V, V
CM = 2.0V, VO = 2.5V and R L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ
(Note 5)
LMV821/822/824
Limit (Note 6)
Units
V
OS
Input Offset Voltage
1
3.5
mV
4.0
max
TCV
OS
Input Offset Voltage Average
Drift
1
µV/˚C
I
B
Input Bias Current
40
100
nA
150
max
I
OS
Input Offset Current
0.5
30
nA
50
max
CMRR
Common Mode Rejection Ratio
0V
≤ V
CM ≤ 4.0V
90
72
dB
70
min
+PSRR
Positive Power Supply
Rejection Ratio
1.7V
≤ V+ ≤ 4V, V- = 1V, V
O =
0V, V
CM =0V
85
75
dB
70
min
−PSRR
Negative Power Supply
Rejection Ratio
-1.0V
≤ V- ≤ -3.3V, V+ =1.7V,
V
O = 0V, VCM =0V
85
73
dB
70
min
V
CM
Input Common-Mode Voltage
Range
For CMRR
≥ 50dB
-0.3
-0.2
V
max
4.3
4.2
V
min
A
V
Large Signal Voltage Gain
Sourcing, R
L=600Ω to 2.5V,
V
O=2.5 to 4.5V
105
95
dB
90
min
Sinking, R
L=600Ω to 2.5V,
V
O=2.5 to 0.5V
105
95
dB
90
min
Sourcing, R
L=2kΩ to 2.5V,
V
O=2.5 to 4.5V
105
95
dB
90
min
Sinking, R
L=2kΩ to 2.5,
V
O=2.5 to 0.5V
105
95
dB
90
min
V
O
Output Swing
V
+=5V,R
L= 600Ω to 2.5V
4.84
4.75
V
4.70
min
0.17
0.250
V
.30
max
V
+=5V, R
L=2kΩ to 2.5V
4.90
4.85
V
4.80
min
0.10
0.15
V
0.20
max
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com