Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV821 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV821
Description  Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV821 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMV821 Datasheet HTML 9Page - National Semiconductor (TI) LMV821 Datasheet HTML 10Page - National Semiconductor (TI) LMV821 Datasheet HTML 11Page - National Semiconductor (TI) LMV821 Datasheet HTML 12Page - National Semiconductor (TI) LMV821 Datasheet HTML 13Page - National Semiconductor (TI) LMV821 Datasheet HTML 14Page - National Semiconductor (TI) LMV821 Datasheet HTML 15Page - National Semiconductor (TI) LMV821 Datasheet HTML 16Page - National Semiconductor (TI) LMV821 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
2.4 Dual Amplifier Active Filters (DAAFs)
The LMV822/24 bring economy and performance to DAAFs.
The low-pass and the high-pass filters of
Figure 10 and Fig-
ure 11 (respectively), offer one key feature: excellent sensi-
tivity performance. Good sensitivity is when deviations in
component values cause relatively small deviations in a fil-
ter’s parameter such as cutoff frequency (Fc). Single ampli-
fier active filters like the Sallen-Key provide relatively poor
sensitivity performance that sometimes cause problems for
high production runs; their parameters are much more likely
to deviate out of specification than a DAAF would. The
DAAFs of
Figure 10 and Figure 11 are well suited for high
volume production.
Table 1 provides sensitivity measurements for a 10 M
Ω load
condition. The left column shows the passive components
for the 3 kHz low-pass DAAF. The third column shows the
components for the 300 Hz high-pass DAAF. Their respec-
tive sensitivity measurements are shown to the right of each
component column. Their values consists of the percent
change in cutoff frequency (Fc) divided by the percent
change in component value. The lower the sensitivity value,
the better the performance.
Each resistor value was changed by about 10 percent, and
this measured change was divided into the measured
change in Fc. A positive or negative sign in front of the mea-
sured value, represents the direction Fc changes relative to
components’ direction of change. For example, a sensitivity
value of negative 1.2, means that for a 1 percent increase in
component value, Fc decreases by 1.2 percent.
Note that this information provides insight on how to fine
tune the cutoff frequency, if necessary. It should be also
noted that R
4 and R5 of each circuit also caused variations in
DS100128-39
FIGURE 8. Amplitude Modulator Circuit
f
f
mod
carrier
DS100128-40
FIGURE 9. Output signal per the Circuit of
Figure 8
DS100128-36
FIGURE 10. Dual Amplifier, 3 kHz Low-Pass Active
Filter with a Butterworth Response and a Pass Band
Gain of Times Two
DS100128-37
FIGURE 11. Dual Amplifier, 300 Hz High-Pass Active
Filter with a Butterworth Response and a Pass Band
Gain of Times Two
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com